Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-24DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLC-RPT-24DC
Description  PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 24 V DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-24DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLC-RPT-24DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-24DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-24DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-24DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-24DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-24DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RPT-24DC Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/us/products/2900330
12/15/2015   Page 4 / 7
Relay Module - PLC-RPT- 24DC/21-21 - 2900330
Articles in set
Relay socket - PLC-BPT- 24DC/21-21 - 2900283
14 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS
35/7,5, 2 PDTs, input voltage 24 V DC
 
 
Single relay - REL-MR- 24DC/21-21 - 2961192
Plug-in miniature power relay, with power contact, 2 PDTs, input voltage 24 V DC
 
 
Classifications
eCl@ss
eCl@ss 4.0
27371001
eCl@ss 4.1
27371001
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371601
eCl@ss 9.0
27371601
ETIM
ETIM 4.0
EC000196
ETIM 5.0
EC001437
UNSPSC
UNSPSC 6.01
30211916
UNSPSC 7.0901
39121515
UNSPSC 11
39121515
UNSPSC 12.01
39121515
UNSPSC 13.2
39121515



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com