Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-110UC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PLC-RPT-110UC
Description  PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-110UC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PLC-RPT-110UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-110UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-110UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-110UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-110UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-110UC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2900320
10/28/2014   Page 2 / 6
Relay Module - PLC-RPT-110UC/21/RW - 2900320
Technical data
Dimensions
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C (Temperature class TX)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
110 V DC
Input voltage range in reference to UN
0.7 ... 1.25
Typical input current at UN
2 mA
Typical response time
4 ms
Typical release time
4 ms
Operating voltage display
Yellow LED
Protective circuit
Bridge rectifier Bridge rectifier
Free-wheeling diode Damping diode
Surge protection
RCZ filter
Wide-range electronics
Contact side
Contact type
1 PDT
Contact material
AgSnO
Maximum switching voltage
250 V AC/DC (Separating plate PLC-ATP must be installed for voltages
larger than 250 V (L1, L2, L3) between identical terminal blocks in adjacent
modules.)
Minimum switching voltage
5 V (at 100 mA)
Maximum inrush current
on request
Min. switching current
10 mA (at 12 V)
Limiting continuous current
6 A (see derating curve)
Interrupting rating (ohmic load) max.
140 W (at 24 V DC)
20 W (at 48 V DC)
18 W (at 60 V DC)
23 W (at 110 V DC)
40 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
1 A (at 24 V, DC13)
0.2 A (at 110 V, DC13)
0.1 A (at 220 V, DC13)
3 A (at 24 V, AC15)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com