Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-120UC Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # PLC-RPT-120UC
Description  PLC-INTERFACE, consisting of PLC-BPT.../21 basic terminal block with push-in connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 120 V AC/110 V DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-120UC Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button PLC-RPT-120UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 9Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 10Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 11Page - PHOENIX CONTACT PLC-RPT-120UC Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
https://www.phoenixcontact.com/us/products/2900310
07/15/2016   Page 10 / 12
Relay Module - PLC-RPT-120UC/21AU - 2900310
Accessories
DIN rail, unperforated - NS 35/15 CU UNPERF 2000MM - 1201895
DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15 mm, width 35 mm, length: 2 m
 
 
DIN rail, unperforated - NS 35/15-2,3 UNPERF 2000MM - 1201798
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m
 
 
DIN rail, unperforated - NS 35/15 AL UNPERF 2000MM - 1201756
DIN rail, deep drawn, high profile, unperforated, 1.5 mm thick, material: aluminum, height 15 mm, width 35 mm, length
2000 mm
 
 
DIN rail perforated - NS 35/15 PERF 2000MM - 1201730
DIN rail, material: steel galvanized and passivated with a thick layer, perforated, height 15 mm, width 35 mm, length:
2000 mm
 
 
DIN rail, unperforated - NS 35/ 7,5 UNPERF 2000MM - 0801681
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35 mm, length: 2 m
 
 
Labeled terminal marker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com