Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-BSP3 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PR2-BSP3
Description  Relay socket PR2-B, for industrial relay REL-IR with 2 or 4 PDT, 1/3-level version, spring-cage connections, connection facility for input/interference suppression modules, for mounting on NS 35/7.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-BSP3 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PR2-BSP3 Datasheet HTML 1Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 2Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 3Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 4Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 5Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 6Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 7Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 8Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/us/products/2833589
07/15/2016   Page 2 / 9
Relay socket - PR2-BSP3/4X21 - 2833589
Technical data
Connection data, output side
Connection method
Spring-cage connection
Stripping length
12 mm
Conductor cross section solid
0.2 mm² ... 1.5 mm²
Conductor cross section flexible
0.2 mm² ... 1.5 mm²
Conductor cross section AWG
24 ... 16
General
Nominal voltage UN
300 V AC/DC
Nominal current IN
10 A
Color
green
Standards and Regulations
Connection in acc. with standard
CSA
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371603
eCl@ss 5.1
27371603
eCl@ss 6.0
27371603
eCl@ss 7.0
27371603
eCl@ss 8.0
27371603
eCl@ss 9.0
27371603
ETIM
ETIM 2.0
EC001456
ETIM 3.0
EC001456
ETIM 4.0
EC001456
ETIM 5.0
EC001456
UNSPSC
UNSPSC 6.01
30211917
UNSPSC 7.0901
39121516
UNSPSC 11
39121516
UNSPSC 12.01
39121516
UNSPSC 13.2
39121516



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com