Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LV-230AC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PR2-RSC3-LV-230AC
Description  With DC types, freewheeling diode is integrated in relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSC3-LV-230AC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PR2-RSC3-LV-230AC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSC3-LV-230AC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSC3-LV-230AC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSC3-LV-230AC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSC3-LV-230AC Datasheet HTML 5Page - PHOENIX CONTACT PR2-RSC3-LV-230AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834753
07/23/2018   Page 1 / 6
Relay Module - PR2-RSC3-LV-230AC/4X21AU - 2834753
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Preassembled relay modules with screw connection, consisting of: relay base, industrial relay with integrated
LED and engage/disengage manual actuate lever, varistor module, and retaining bracket. Input voltage: 230 V
AC, four PDTs with gold-plated contacts, 5 A
The figure shows the 24 V DC
version
Why buy this product
 With DC types, freewheeling diode is integrated in relay
 Relay with detectable manual operation and status LED
 Logical contact arrangement thanks to 1/3-level relay base
 Mechanical switch position indicator
 4 PDT types with multi-layer gold contacts
Key Commercial Data
Packing unit
5 STK
GTIN
GTIN
4046356044578
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
27 mm
Height
78.5 mm
Depth
86 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C


Similar Part No. - PR2-RSC3-LV-230AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR2-RSC3-LV-24AC PHOENIX-PR2-RSC3-LV-24AC Datasheet
116Kb / 6P
With DC types, freewheeling diode is integrated in relay
More results

Similar Description - PR2-RSC3-LV-230AC

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSCH50 POWERSEM-PSCH50 Datasheet
169Kb / 3P
Single Phase Half Controlled Bridges with freewheeling diode
PSCH85 POWERSEM-PSCH85 Datasheet
208Kb / 3P
Single Phase Half Controlled Bridges with freewheeling diode
PSCT75 POWERSEM-PSCT75 Datasheet
191Kb / 3P
Single Phase Full Controlled Bridges with freewheeling diode
logo
List of Unclassifed Man...
23326 ETC2-23326 Datasheet
132Kb / 2P
function indicator (LED) with freewheeling diode
logo
PHOENIX CONTACT
PR2-RSC3-LV-24AC PHOENIX-PR2-RSC3-LV-24AC Datasheet
116Kb / 6P
With DC types, freewheeling diode is integrated in relay
PR2-RSP3-LDP-24DC PHOENIX-PR2-RSP3-LDP-24DC Datasheet
109Kb / 5P
With DC types, freewheeling diode is integrated in relay
PR2-RSP3-LV-120AC PHOENIX-PR2-RSP3-LV-120AC Datasheet
110Kb / 5P
With DC types, freewheeling diode is integrated in relay
PR2-RSP3-LV-230AC PHOENIX-PR2-RSP3-LV-230AC Datasheet
110Kb / 5P
With DC types, freewheeling diode is integrated in relay
RIF-1-RPT-LDP-24DC PHOENIX-RIF-1-RPT-LDP-24DC Datasheet
126Kb / 5P
Pre-assembled relay module with push-in connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode. Contact type: 1 PDT.
RIF-1-RSC-LDP-24DC PHOENIX-RIF-1-RSC-LDP-24DC Datasheet
127Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com