Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSP3-LDP-24DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PR2-RSP3-LDP-24DC
Description  With DC types, freewheeling diode is integrated in relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSP3-LDP-24DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PR2-RSP3-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSP3-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSP3-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSP3-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSP3-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834766
07/23/2018   Page 3 / 5
Relay Module - PR2-RSP3-LDP-24DC/4X21AU - 2834766
Technical data
Standards and Regulations
Degree of pollution
2
Overvoltage category
II
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
A1+
A2-
22
12
32
42
24
14
34
44
21
11
31
41
Diagram
Ambienttemperature[°C]
0
0,6
0,8
1
1,2
1,4
1,6
1,8
20
40
60
80
10
30
50
70
Operating voltage range of relay Tu=Tcoil
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
1
2
Ohmicload
cos
=0.4
j
Switchingvoltage[V]
AC interrupting rating
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
3
4
1
2
4
3
L/R<7ms
ohmicload
ohmicload,2contactsinseries
ohmicload,4contactsinseries
Switchingvoltage[V]
DC interrupting rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com