Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1MDF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # RS1MDF
Description  1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS1MDF Datasheet(HTML) 3 Page - Diodes Incorporated

  RS1MDF Datasheet HTML 1Page - Diodes Incorporated RS1MDF Datasheet HTML 2Page - Diodes Incorporated RS1MDF Datasheet HTML 3Page - Diodes Incorporated RS1MDF Datasheet HTML 4Page - Diodes Incorporated RS1MDF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RS1MDF
Document number: DS38340 Rev. 2 - 2
3 of 5
www.diodes.com
June 2016
© Diodes Incorporated
RS1MDF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Figure 1 DC Forward Current Derating
Note 6
Note 7
0.01
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 100°C
A
T = -55°C
A
Figure 2 Typical InstantanousForward Voltage
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0.0001
0.001
0.01
0.1
1
10
100
0 100 200 300 400 500 600 700 800 900 1000 1100
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 125°C
A
T = 100°C
A
T = -55°C
A
Figure 3 Typical Instantaneous Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4 Forward Surge Current Derating Curve
T = 150°C
J
Single Half-Sine-Wave
0
10
20
30
40
50
0.1
1
10
100
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
Figure 6 Forward Power Dissipation
IF
, AVERAGE FORWARD CURRENT (A)
(AV)
T = 150°C
j



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com