Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1NWF Datasheet(PDF) 4 Page - Diodes Incorporated

Part # US1NWF
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1NWF Datasheet(HTML) 4 Page - Diodes Incorporated

  US1NWF Datasheet HTML 1Page - Diodes Incorporated US1NWF Datasheet HTML 2Page - Diodes Incorporated US1NWF Datasheet HTML 3Page - Diodes Incorporated US1NWF Datasheet HTML 4Page - Diodes Incorporated US1NWF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US1NWF
Document number: DS39255 Rev. 3 - 2
4 of 5
www.diodes.com
May 2017
© Diodes Incorporated
US1NWF
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD123F
SOD123F
Dim Min
Max
Typ
A
0.81 1.15
-
b
0.80 1.05
-
c
0.05 0.30
-
D
1.70 1.90
1.80
E
2.60 2.80
2.70
He
3.30 3.70
3.50
L2
0.35 0.85
-
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD123F
Dimensions Value (in mm)
C
2.86
G
1.52
X
1.34
X1
4.20
Y
1.80
He
E
L2
D
b
A
c
X
Y
G
X1
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com