Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8922BTH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8922BTH
Description  2 X 50 W class-D power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922BTH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8922BTH Datasheet HTML 5Page - NXP Semiconductors TDA8922BTH Datasheet HTML 6Page - NXP Semiconductors TDA8922BTH Datasheet HTML 7Page - NXP Semiconductors TDA8922BTH Datasheet HTML 8Page - NXP Semiconductors TDA8922BTH Datasheet HTML 9Page - NXP Semiconductors TDA8922BTH Datasheet HTML 10Page - NXP Semiconductors TDA8922BTH Datasheet HTML 11Page - NXP Semiconductors TDA8922BTH Datasheet HTML 12Page - NXP Semiconductors TDA8922BTH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
9 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
In case of an impedance drop (e.g. due to dynamic behavior of the loudspeaker) the same
protection will be activated; the maximum output current is again limited to 5 A, but the
amplifier will NOT switch-off completely (thus preventing audio holes from occurring).
Result will be a clipping output signal without any artefacts.
See also Section 13.6 for more information on this maximum output current limiting
feature.
8.3.3 Window Protection (WP)
During the start-up sequence, when pin MODE is switched from standby to mute, the
conditions at the output terminals of the power stage are checked. In the event of a
short-circuit at one of the output terminals to VDD or VSS the start-up procedure is
interrupted and the system waits for open-circuit outputs. Because the test is done before
enabling the power stages, no large currents will flow in the event of a short-circuit. This
system is called Window Protection (WP) and protects for short-circuits at both sides of
the output filter to both supply lines. When there is a short-circuit from the power PWM
output of the power stage to one of the supply lines (before the demodulation filter) it will
also be detected by the start-up safety test. Practical use of this test feature can be found
in detection of short-circuits on the printed-circuit board.
Remark: This test is operational during (every) start-up sequence at a transition between
Standby and Mute mode. However when the amplifier is completely shut-down due to
activation of the OverCurrent Protection (OCP) because a short to one of the supply lines
is made, then during restart (after 100 ms) the window protection will be activated. As a
result the amplifier will not start-up until the short to the supply lines is removed.
8.3.4 Supply voltage protections
If the supply voltage drops below
±12.5 V, the UnderVoltage Protection (UVP) circuit is
activated and the system will shut-down correctly. If the internal clock is used, this
switch-off will be silent and without pop noise. When the supply voltage rises above the
threshold level, the system is restarted again after 100 ms. If the supply voltage exceeds
±33 V the OverVoltage Protection (OVP) circuit is activated and the power stages will
shut-down. It is re-enabled as soon as the supply voltage drops below the threshold level.
So in this case no timer of 100 ms is started.
An additional UnBalance Protection (UBP) circuit compares the positive analog (VDDA)
and the negative analog (VSSA) supply voltages and is triggered if the voltage difference
between them exceeds a certain level. This level depends on the sum of both supply
voltages. An expression for the unbalanced threshold level is as follows:
Vth(ub) ≈ 0.15 × (VDDA +VSSA).
When the supply voltage difference drops below the threshold level, the system is
restarted again after 100 ms.
Example: With a symmetrical supply of
±30 V, the protection circuit will be triggered if the
unbalance exceeds approximately 9 V; see also Section 13.7.
In Table 4 an overview is given of all protections and the effect on the output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com