Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2LW Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2LW
Description  2.5V Low Jitter Oscillator with LVDS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2LW Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2LW Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2LW Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2LW Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2LW Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO2LW 1/4
v1.0
MCSO2LW
MCSO2LW
2.5V Low Jitter Oscillator with LVDS
2.5V Low Jitter Oscillator with LVDS
Output
Output
LVDS output
Military temperature range -55+125°C option
Low jitter
Excellent shock & vibration resistance
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
see note below
Any
±100ppm
±50ppm
T
Operating temperature range
Any
Any
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Enable / disable function
Any
None (pad 1 NC)
Active (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned Ag/Cu/Zn
T
*


Similar Part No. - MCSO2LW

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2L MICROCRYSTAL-MCSO2L Datasheet
331Kb / 2P
Airborne equipments
logo
Golledge Electronics Lt...
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
3.3V Low Jitter Oscillator with LVDS Output
More results

Similar Description - MCSO2LW

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5037 NPC-CF5037 Datasheet
94Kb / 10P
2.5V LVDS Output Oscillator ICs
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
Low Jitter Precision LVDS Oscillator
logo
Nippon Precision Circui...
5037 NPC-5037 Datasheet
113Kb / 11P
2.5V LVDS Output Oscillator ICs
logo
Golledge Electronics Lt...
GXO-5332J GOLLEDGE-GXO-5332J Datasheet
580Kb / 5P
2.5V Tight Stability Oscillator with Low Jitter
GXO-L72J GOLLEDGE-GXO-L72J Datasheet
604Kb / 5P
2.5V Low Jitter LVDS Oscillator with Power Saving
GXO-2201J GOLLEDGE-GXO-2201J Datasheet
590Kb / 5P
2.5V CMOS Oscillator with Low Jitter
MCSO1FW GOLLEDGE-MCSO1FW Datasheet
552Kb / 4P
2.5V CMOS Oscillator with Low Jitter
MCSO1FHW GOLLEDGE-MCSO1FHW Datasheet
551Kb / 4P
2.5V CMOS Oscillator with Low Jitter
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
3.3V Low Jitter Oscillator with LVDS Output
logo
Microchip Technology
DSC1103 MICROCHIP-DSC1103 Datasheet
490Kb / 26P
Low-Jitter Precision LVDS Oscillator
08/15/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com