Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO6 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MCSO6
Description  Excellent shock & vibration resistance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO6 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MCSO6 Datasheet HTML 1Page - Golledge Electronics Ltd MCSO6 Datasheet HTML 2Page - Golledge Electronics Ltd MCSO6 Datasheet HTML 3Page - Golledge Electronics Ltd MCSO6 Datasheet HTML 4Page - Golledge Electronics Ltd MCSO6 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCSO6 2/5
v1.0
Frequency range
10.0kHz ~ 155MHz
Dimensions
3.5 x 2.2 x 1.2mm
Supply voltage (V )
+5.0V (±5%)
Storage temperature
range
-65 to +125°C
Supply current
2mA max (@32.768kHz)
6mA max (≤10MHz)
7mA max (>10.0 ~ 20.0MHz)
40mA max ( >20.0MHz)
Driving ability
CMOS
Load
3pF min, 47pF max
Logic levels
‘0’ level = +0.4V max
‘1’ level = V -0.5V min
Start up time
5ms max
Waveform symmetry
40:60 max @ 50%V
Rise / fall time
7ns max (15pF, 20~80% V )
150ns max @ 32.768kHz
Shock resistance
5,000g, 0.3ms, ½ sine
Vibration resistance
50g rms 10.0 ~ 2,000Hz
Soldering condition
260°C, 10 sec max
SPECIFICATIONS
DD
DD
DD
P-P
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com