Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF0907P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0907P
Description  ALL DIMENSIONS IN MM [INCH].
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0907P Datasheet(HTML) 1 Page - E-SWITCH

  XF0907P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
D16OAS12
F040031
1
1
50-003-14 TRANSPARENT FLAT RED LENS
F050314
1
2
50-004-02, INC, 6V AC/DC 200mA
F050402
1
3
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
D16OAS12ARED
3:2
5/31/2016
XF0907P
A
MJR
1
1
PANEL MOUNTING
36.50 1.00
1.437 .039 in
[
]
A
22332
NEW RELEASE
5/31/16
MJR
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00 -.00
.30
+
.630 -.000
.012
+
in
[
]
1
10.8
[.43 in]
7.20
[.283 in]
3
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. RATING: 5A @ 250 VAC
6A @ 24 VDC
8A @ 125 VAC
5. ELECTRIC LIFE: 50,000 CYCLES
6. INSULATION RESISTANCE: 1,000 M MIN.
7. OPERATING TEMP.: -20 C to 55 C
8. LAMP VOLTAGE: 6V AC / DC 200mA
9.
DENOTES CRITICAL PARAMETER.
10. 2011/65/EU (ROHS) COMPLIANT.
11. PANEL THICKNESS: 0.5-5.0mm
12. FULL TRAVEL: 3.0mm
13. SEAL RATING: IP40
2
L
1
3
1
3
a
2
4
2
4
b (+)
DPST
CONTACT CONFIGURATION


Similar Part No. - XF0907P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0900P E-SWITCH-XF0900P Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0901P E-SWITCH-XF0901P Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0902P E-SWITCH-XF0902P Datasheet
165Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0903P E-SWITCH-XF0903P Datasheet
178Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0904P E-SWITCH-XF0904P Datasheet
177Kb / 1P
ALL DIMENSIONS IN MM [INCH].
More results

Similar Description - XF0907P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com