Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACUDIAL-SMA Datasheet(PDF) 2 Page - Mini-Circuits

Part # ACUDIAL-SMA
Description  SMA Connector Gage Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ACUDIAL-SMA Datasheet(HTML) 2 Page - Mini-Circuits

  ACUDIAL-SMA Datasheet HTML 1Page - Mini-Circuits ACUDIAL-SMA Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMA Connector Gage Kit
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Table 1. Contact Pin Location for SMA Connectors
Specification
FP
FD
MIL-STD-348A
CLASS 2
0.010
0.000 Max.
0.000
MP
MD
0.010
0.000 Max.
0.000
SMA Contact Pin Location
Specifications
Master Gages
Table 2. Gage Dimensions Female
Specification
Min. "A"
Max. "A"
Mean "A"
0.206
+0.000
0.006
0.007
0.0065
-0.001
Fig 2. Gaging a Female SMA Connector
Fig 3. Gaging a Male SMA Connector
Table 3. Gage Dimensions Male
Specification
Min. "B"
Max. "B"
Mean "B"
0.210
+0.000
0.000
0.000
0.0000
-0.000
ACUDIAL-SMA
SMA Connector Gage Specifications
Characteristics
Limits
Comments
Gage Resolution
0.0001”
1/5 Least dial graduation
Gage Calibration
Accuracy
0.00075”
1 Least dial graduation plus
0.000250 measurement guard-
band
Gage Repeatability
0.0001”
1/5 Least dial graduation
Master Accuracy
0.0000125” 0.0001 Range
Total Uncertainty
RSS 0.000763319 (Root sum of squares)
Worst Case
0.0009625
(Sum of all units)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com