Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330ARQZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8330ARQZ-R7
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ARQZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8330ARQZ-R7 Datasheet HTML 1Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 2Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 3Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 4Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 5Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 6Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 7Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 8Page - Analog Devices AD8330ARQZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD8330
Data Sheet
Rev. H | Page 4 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LINEAR GAIN INTERFACE
Pin VMAG, Pin CMGN
Peak Output Scaling, Gain vs. VMAG
See the Circuit Description section
3.8
4.0
4.2
V/V
Gain Multiplication Factor vs. VMAG
Gain is nominal when VMAG = 0.5 V
×2
Usable Input Range
0
5
V
Default Voltage
VMAG O/C
0.48
0.5
0.52
V
Incremental Resistance
4
Bandwidth
For VMAG ≥ 0.1 V
150
MHz
CHIP ENABLE
Pin ENBL
Logic Voltage for Full Shutdown
0.5
V
Logic Voltage for Hibernate Mode
Output pins remain at CNTR
1.3
1.5
1.7
V
Logic Voltage for Full Operation
2.3
V
Current in Full Shutdown
20
100
µA
Current in Hibernate Mode
1.5
mA
Minimum Time Delay3
1.7
µs
POWER SUPPLY
VPSI, VPOS, VPSO, COMM, and CMOP pins
Supply Voltage
2.7
6
V
Quiescent Current
VDBS = 0.75 V
20
27
mA
1
The use of an input common-mode voltage significantly different from the internally set value is not recommended due to its effect on noise performance. See Figure 56.
2
See the Typical Performance Characteristics section for more detailed information on distortion in a variety of operating conditions.
3
For minimum sized coupling capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com