Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6510
Description  Dual Programmable Filters Variable Gain Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6510 Datasheet HTML 9Page - Analog Devices ADRF6510 Datasheet HTML 10Page - Analog Devices ADRF6510 Datasheet HTML 11Page - Analog Devices ADRF6510 Datasheet HTML 12Page - Analog Devices ADRF6510 Datasheet HTML 13Page - Analog Devices ADRF6510 Datasheet HTML 14Page - Analog Devices ADRF6510 Datasheet HTML 15Page - Analog Devices ADRF6510 Datasheet HTML 16Page - Analog Devices ADRF6510 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADRF6510
Rev. B | Page 13 of 32
450
350
0
5
10
15
20
25
30
FREQUENCY (MHz)
360
370
380
390
400
410
420
430
440
10
–40
–35
–30
–25
–20
–15
–10
–5
0
5
Figure 35. Input Impedance vs. Frequency (Bandwidth Setting = 30 MHz)
28
27
26
25
24
23
22
21
20
200
100
0
–100
–200
–300
–400
–500
–600
0
30
FREQUENCY (MHz)
5
10
15
20
25
Figure 36. Output Impedance vs. Frequency (Bandwidth Setting = 30 MHz)
90
0
0.1
1
10
100
FREQUENCY (MHz)
10
20
30
40
50
60
70
80
BANDWIDTH = 30MHz
GAIN = 40dB
GAIN = 20dB
GAIN = 0dB
Figure 37. Channel Isolation, Output to Output, vs. Frequency
(Bandwidth Setting = 30 MHz)
280
260
240
220
200
180
160
100
120
140
0
5
10
15
20
25
30
BANDWIDTH SETTING (MHz)
Figure 38. Current Consumption vs. Bandwidth Setting (Gain = 20 dB)
266
264
248
250
252
254
256
258
260
262
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
VPS = 4.75V
VPS = 5V
VPS = 5.25V
Figure 39. Current Consumption vs. Temperature over Supply
(Bandwidth Setting = 30 MHz)
70
0
0
30
FREQUENCY (MHz)
10
20
30
40
50
60
5
10
15
20
25
BANDWIDTH = 30MHz
GAIN = 40dB
GAIN = 20dB
Figure 40. Common-Mode Rejection Ratio vs. Frequency
(Bandwidth Setting = 30 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com