Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6516 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6516
Description  Dual Programmable Filters and Variable Gain Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6516 Datasheet HTML 17Page - Analog Devices ADRF6516 Datasheet HTML 18Page - Analog Devices ADRF6516 Datasheet HTML 19Page - Analog Devices ADRF6516 Datasheet HTML 20Page - Analog Devices ADRF6516 Datasheet HTML 21Page - Analog Devices ADRF6516 Datasheet HTML 22Page - Analog Devices ADRF6516 Datasheet HTML 23Page - Analog Devices ADRF6516 Datasheet HTML 24Page - Analog Devices ADRF6516 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ADRF6516
Rev. C | Page 21 of 29
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 51 shows the basic connections for a typical ADRF6516
application.
SUPPLY DECOUPLING
A nominal supply voltage of 3.3 V must be applied to the supply
pins. The supply voltage must not exceed 3.45 V or drop below
3.15 V. Each supply pin must be decoupled to ground with at
least one low inductance, surface-mount ceramic capacitor of
0.1 µF placed as close as possible to the ADRF6516 device.
The ADRF6516 has two separate supplies: an analog supply and
a digital supply. Take care to separate the analog and digital
supplies with a large surface-mount inductor of 33 µH. Decouple
each supply separately to its respective ground through a 10 μF
capacitor.
INPUT SIGNAL PATH
Each signal path has input buffers, accessed through the
INP1, INM1, INP2, and INM2 pins, that set a differential input
impedance of 1600 Ω. These inputs sit at a nominal common-
mode voltage around midsupply.
The inputs can be dc-coupled or ac-coupled. If using direct
dc coupling, the common-mode voltage, VCM, can range from
1.1 V to 1.8 V. The VICM pin can be used as a reference common-
mode voltage for driving a high impedance sensing node of the
preceding cascaded part (VICM has a 7 kΩ impedance).
For example, the high impedance VOCM input pin of the
ADRF6806 quadrature demodulator can be directly connected
to the VICM pin of the ADRF6516. This gives the ADRF6806
the optimal common-mode voltage reference to drive the
ADRF6516.
OUTPUT SIGNAL PATH
The low impedance (30 Ω) output buffers are designed to drive
a high impedance load, such as an ADC input or another amplifier
stage. The output pins—OPP1, OPM1, OPP2, and OPM2—sit
at a nominal output common-mode voltage of VPS/2, but can
be driven to a voltage of 0.7 V to 2.8 V by applying the desired
common-mode voltage to the high impedance VOCM pin.
DC OFFSET COMPENSATION LOOP ENABLED
When the dc offset compensation loop is enabled via the OFDS
pin, the ADRF6516 can null the output differential dc level. The
loop is enabled by pulling the OFDS pin low to ground. The
offset compensation loop creates a high-pass corner frequency,
which is proportional to the value of the capacitors that are
connected from the OFS1 and OFS2 pins to ground. For more
information about setting the high-pass corner frequency, see
the DC Offset Compensation Loop section.
COMMON-MODE BYPASSING
The ADRF6516 common-mode pins, VICM and VOCM, must
be decoupled to ground. Use at least one low inductance,
surface-mount ceramic capacitor with a value of 0.1 μF to
decouple the common-mode pins.
VPSD
COMD
LE
CLK
DATA
SDO
COM
VPS
OPP1
OPM1
COM
GAIN
VOCM
COM
OPM2
OPP2
COM
INP2
INM2
VPS
COM
OFDS
OFS2
VPS
ENBL
INP1
INM1
VPS
COM
VICM
OFS1
VPS
ADRF6516
VPS
VPSD
0.1µF
VPS
VPS
VPS
VPS
VPS
OUTPUT1 (+)
INPUT1 (–)
0.1µF
INPUT1 (+)
INPUT2 (+)
INPUT2 (–)
OUTPUT1 (–)
OUTPUT2 (–)
OUTPUT2 (+)
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
SERIAL
CONTROL
INTERFACE
VPS
0.1µF
Figure 51. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com