Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # VCF4
Description  Connectors for VTF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VCF4 Datasheet(HTML) 1 Page - Tyco Electronics

  VCF4 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Accessories
Connectors for VTF
Please observe the disclaimer.
192
Catalog 1308028
Issued 01-05
Revision 03-05
.945
(24.0)
1.043
(26.5)
.111
(2.8)
.040
(1.0)
.274
(7.0)
2 LOCATING
PINS
.571
(14.5)
.805
(20.4)
.295
(7.5)
.256
(6.5)
.083
(2.1)
.092
(2.3)
5 HOLES
.143
(3.6)
.315
(8.0)
.331
(8.4)
.705
(17.9)
.083
(2.1)
.512
(13.0)
.665
(16.9)
ECR2165-Y
.945
(24.0)
1.043
(26.5)
.905
(23.0)
.090
(2.3)
ECR2166-7
.48
(12.2)
1.00
(25.4)
1.57
(39.9)
24A111 terminal retainer
supplied with connector
.218
(5.5)
.36
(9.1)
1.20
(30.5)
1.31
(33.3)
ECR2167-F
Connectors for use with VTF relays
PCB socket
VCF4-1000
Wiring harness style connector
(order terminals separately)
VCF4-1001
Wiring harness style, bracket mount
socket (order terminals separately)
(Mount individually or can be
interlocked)
VCF4-1002
Required crimp terminals (Order separately)
Connector
Tyco
Part number
Tyco
Wire AWG
Qty. Required
order number
crimp terminal
order number
Form C
VCF4-1000
0-1393310-3
none
none
N/A
0
VCF4-1001
3-1393310-7
AMP60249-1
60249-1
12 - 16
3
AMP42281-1
42281-1
14 - 18
26A1348A
1-1393310-8
18 - 20
VCF4-1002
4-1419106-0
26A1348B
1-1393310-9
14 - 16
3
26A1348C
2-1393310-0
10 - 12
Ordering information


Similar Part No. - VCF4

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF4 SCHNEIDER-VCF4 Datasheet
184Kb / 3P
TeSys Vario - emergency stop switch disconnector - 80 A - on door
Jul 12, 2021
VCF4 SCHNEIDER-VCF4 Datasheet
180Kb / 3P
TeSys Vario - emergency stop switch disconnector - 80 A - on door
Jun 13, 2022
logo
TE Connectivity Ltd
VCF4-1000 TEC-VCF4-1000 Datasheet
150Kb / 1P
Connectors for Mini ISO Relays
logo
Tyco Electronics
VCF4-1000 MACOM-VCF4-1000 Datasheet
144Kb / 4P
40 Amp Relay With PC Board or Quick Connect Terminals for Automotive Applications
VCF4-1001 MACOM-VCF4-1001 Datasheet
144Kb / 4P
40 Amp Relay With PC Board or Quick Connect Terminals for Automotive Applications
More results

Similar Description - VCF4

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CAM-G93 MITSUMI-CAM-G93 Datasheet
60Kb / 2P
Interface Connectors for Cradle
logo
Molex Electronics Ltd.
502231-1500 MOLEX-502231-1500 Datasheet
966Kb / 2P
Connectors for LVDS
logo
Glenair, Inc.
M24758-12-02-07 GLENAIR-M24758-12-02-07 Datasheet
118Kb / 2P
Adapter for Connectors
M24758-13-02-03 GLENAIR-M24758-13-02-03 Datasheet
132Kb / 2P
Adapter for Connectors
M24758-12-16-01 GLENAIR-M24758-12-16-01 Datasheet
80Kb / 2P
Adapter for Connectors
M24758-13-16-08 GLENAIR-M24758-13-16-08 Datasheet
121Kb / 2P
Adapter for Connectors
logo
List of Unclassifed Man...
EA34 ETC2-EA34 Datasheet
55Kb / 1P
CONNECTORS FOR CABLE
NS1818 ETC2-NS1818 Datasheet
40Kb / 1P
CONNECTORS FOR TUBE
EA282N ETC2-EA282N Datasheet
55Kb / 1P
CONNECTORS FOR CABLE
logo
Winchester Electronics ...
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
Specifications for BNC Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com