Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC56-12IO8B Datasheet(PDF) 6 Page - IXYS Corporation

Part # MCC56-12IO8B
Description  Thyristor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC56-12IO8B Datasheet(HTML) 6 Page - IXYS Corporation

  MCC56-12IO8B Datasheet HTML 1Page - IXYS Corporation MCC56-12IO8B Datasheet HTML 2Page - IXYS Corporation MCC56-12IO8B Datasheet HTML 3Page - IXYS Corporation MCC56-12IO8B Datasheet HTML 4Page - IXYS Corporation MCC56-12IO8B Datasheet HTML 5Page - IXYS Corporation MCC56-12IO8B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MCC56-12io8B
I
RMS [A]
P
tot
[W]
T
A [°C]
[KW]
0.1
0.15
0.2
0.25
0.3
0.4
0.5
Circuit
W3
3x MCC56 or
3x MCD56
600
300
200
100
0
400
0
50
100
0
50
100
150
Fig. 8 Three phase AC-controller: Power dissipation vs. RMS output current
and ambient temperature
R
thJA
500
0.6
Fig. 9
Transient thermal impedance junction to case (per thyristor)
0.6
0.5
0.1
0
10-3
10-2
10-1
100
101
102
103
0.3
30°
60°
120°
180°
DC
0.2
0.4
30°
60°
120°
180°
DC
Fig. 10 Transient thermal impedance junction to heatsink (per thyristor)
10-3
10-2
10-1
100
101
102
103
0.8
0.6
0.2
0
0.4
R
thJC for various conduction angles d:
DC
0.450
180°
0.470
120°
0.490
60°
0.505
30°
0.520
Constants for Z
thJC calculation:
1
0.014
0.0150
2
0.026
0.0095
3
0.410
0.1750
R
thJK for various conduction angles d:
DC
0.650
180°
0.670
120°
0.690
60°
0.705
30°
0.720
Constants for Z
thJK calculation:
1
0.014
0.0150
2
0.026
0.0095
3
0.410
0.1750
4
0.200
0.6700
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com