Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR-PC50 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # PSR-PC50
Description  SIL 3 coupling relay for safety-related switch on
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSR-PC50 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button PSR-PC50 Datasheet HTML 6Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 7Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 8Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 9Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 10Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 11Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 12Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 13Page - PHOENIX CONTACT PSR-PC50 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PSR-PC50
105818_en_02
PHOENIX CONTACT
13
14.1
Application example 1 - SIL 3
Assumptions, information, and marginal conditions
–
The DC of the digital output is 90%.
–
Diagnostics of PSR-PC50 are active.
–
The test pulses of the controller are activated and eval-
uated.
–
A potential error is indicated accordingly.
Figure 11
Application example 1 - SIL 3
A fault e.g., open circuit or short circuit of the
load is reported by detuning the test pulse of
the safe controller.
M(N)
K1
0V
24V DC
A1 A1'
M1L
L´
LO LO´
N
N´
NI NI´
A2 A2'
PSR-PC50
L+(L1)
24V DC
DC 90%
SIS
24V
TP1 TP2 TP3
DO
DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com