Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

110C2-433A Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # 110C2-433A
Description  AM / FM RADIO TRANSMITTER KEYFOBS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

110C2-433A Datasheet(HTML) 2 Page - rfsolutions.ltd

  110C2-433A Datasheet HTML 1Page - rfsolutions.ltd 110C2-433A Datasheet HTML 2Page - rfsolutions.ltd 110C2-433A Datasheet HTML 3Page - rfsolutions.ltd 110C2-433A Datasheet HTML 4Page - rfsolutions.ltd 110C2-433A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS110-6 Dec ‘12
©2006 Reg. No. 227 4001, ENGLAND
Page 2
AM / FM RADIO TRANSMITTER KEYFOBS
‘120’ Series FM Keyfob Encoders
Part Number
Description
Freq
(MHz)
Range**
(Metres)
Compatible
Decoders
120T1-433F
FM Keyfob 1 Sw
433.92
150
RF600D
HiRK-433F
008-433F
118-433F
119-433F
105-433F
120T2-433F
FM Keyfob 2 Sw
433.92
150
120T3-433F
FM Keyfob 3 Sw
433.92
150
‘110’ Series Keyfob Encoders
These products use the HCS360 Keeloq Encoder Device
Part Number
Description
Freq
(MHz)
Range**
(Metres)
Compatible
Decoders
110C1-315A
AM Keyfob 1 Sw
315
50
RF600D
HiRK-315A
008-315A
118-315A
105-315A
110C2-315A
AM Keyfob 2 Sw
315
50
110C3-315A
AM Keyfob 3 Sw
315
50
110C1-315A
AM Keyfob 1 Sw
433.92
100
RF600D
HiRK-433A
008-433A
118-433A
119-433A
105-433A
110C2-433A
AM Keyfob 2 Sw
433.92
100
110C3-433A
AM Keyfob 3 Sw
433.92
100
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by upto 50%
Mechanical Details
36mm
66mm
17mm
Operation
The Tx encoder transmits the KEELOQ code for as long as any push-button switch is depressed.
Operation of the Tx encoder buttons will cause either a momentary or a latching action at the Rx decoder,
depending on the configuration of the Rx decoder.
Battery Supply
The keyfob is supplied with a standard cigarette lighter 12V battery type GP23A or equivalent.
Low Battery
When the unit measures a low battery voltage level, the data transmitted includes a ‘Low battery’ status
flag to the receiver decoder.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com