Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HORNET-S1M Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # HORNET-S1M
Description  Remote Comtrol System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNET-S1M Datasheet(HTML) 4 Page - rfsolutions.ltd

  HORNET-S1M Datasheet HTML 1Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 2Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 3Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 4Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 5Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 6Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 7Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 8Page - rfsolutions.ltd HORNET-S1M Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Live in
Switched
live out
Momentary or latching
setting link
1
2
FUSE
L
N
E
AC 230V MAINS IN
Relay
1
Relay
2
NO COM NC
Notes
Always ensure The Receiver
is supplied via an isolating
Switch.
Fuse Rating
1A at 230Vac



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com