Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRAP-RX Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # TRAP-RX
Description  SABRE Trap Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

TRAP-RX Datasheet(HTML) 6 Page - rfsolutions.ltd

  TRAP-RX Datasheet HTML 1Page - rfsolutions.ltd TRAP-RX Datasheet HTML 2Page - rfsolutions.ltd TRAP-RX Datasheet HTML 3Page - rfsolutions.ltd TRAP-RX Datasheet HTML 4Page - rfsolutions.ltd TRAP-RX Datasheet HTML 5Page - rfsolutions.ltd TRAP-RX Datasheet HTML 6Page - rfsolutions.ltd TRAP-RX Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Technical Specifications
Transmitters:
SABRE-T
Enclosure Rating:Standard IPx8
Battery Type:
4 x AAA (supplied)
Battery Life:
5 years @ approx 100 1/2second presses p/day
Dimensions:
154 x 85 x 48mm
Changing the Battery: Remove the six fixing screws, remove battery and replace note polarity
Receiver Decoder:
TRAP-RX
Enclosure Rating
IP68
Dimensions
130 x 112 x 42 mm (not including antenna)
Storage Temperature:
-10 to +70
o Celsius.
Operating Temperature:
-10 to +50
o Celsius.
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes
Approvals Information:
All RF Solutions products are manufactured in accordance with our ISO:9001 Quality System
Further information available on request.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
6V
V
Frequency:
869.500
MHz
RF Output Power (ERP) @ 868 MHz
-
20
dBm
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage
12
12
32
V ac or dc
Relay Rating* (230Vac) RLY1-4
5
12
A
Supply Current :
Quiescent
All relays operating*
40
140
mA
Time delay from Tx on Switch to Rx Relay operation
20
mS
Time delay from Tx sw relax to Rx Relay release
20
mS
RF Solutions Ltd. Recycling Notice
Meets the following EC Directives:
DO NOT
Discard with normal waste, please recycle.
ROHS Directive 2002/95/EC
Specifies certain limits for hazardous substances.
WEEE Directive 2002/96/EC
Waste electrical & electronic equipment. This product must be disposed of
through a licensed WEEE collection point. RF Solutions Ltd., fulfils its WEEE
obligations by membership of an approved compliance scheme.
Waste Batteries and Accumulators
Directive 2006/66/EC
Where batteries are fitted, before recycling the product, the batter-
ies must be
removed and disposed of at a licensed
collection point.
Environment Agency producer registration number: WEE/
JB0104WV.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com