Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2018-23-SMH-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2018-23-SMH-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2018-23-SMH-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2018-23-SMH-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2018-23-SMH-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2018-23-SMH-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions 2018-23-SMH-RPLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
2018SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
Product Dimensions
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
Pad Layout
XXXX
18-XXX
10.90 ± 0.20
(.429 ± .008)
0.50 ± 0.10
(.020 ± .004)
1.00 ± 0.20
(.039 ± .008)
2 PLCS.
1.00
(.039)
COPLANARITY BETWEEN TERMINALS NOT TO EXCEED
3.70 ± 0.30
(.146 ± .012)
2.00 ± 0.30
(.079 ± .012)
2.50 ± 0.20
(.098 ± .008)
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
3.12
(.123)
2 PLCS.
4.80
(.189)
1.02
(.040) 2 PLCS.
0.84
(.033)
0.84
(.033)
6.50
(.256)
11.62
(.457)
13.30
(.524)
0.25
(.010)
R
GRID
PLACEMENT
COURTYARD
12 PLCS.
9.58
(.377)
DIA.
7.22
(.284)
DIA.
DATE CODE:
“WWYY” =
WEEK AND YEAR
OF MANUFACTURE
MANUFACTURER’S
TRADEMARK
VOLTAGE:
90 V
150 V
230 V
420 V
500 V
XXXX
18-XXX
XXXX
18-XXX
10.90 ± 0.20
(.429 ± .008)
0.50 ± 0.10
(.020 ± .004)
1.00 ± 0.20
(.039 ± .008)
2 PLCS.
1.00
(.039)
COPLANARITY BETWEEN TERMINALS NOT TO EXCEED
3.70 ± 0.30
(.146 ± .012)
2.00 ± 0.30
(.079 ± .012)
2.50 ± 0.20
(.098 ± .008)
8.00 +0.10/-0.30
(.315 +.004/-.012)
DIA.
3.12
(.123)
2 PLCS.
4.80
(.189)
1.02
(.040) 2 PLCS.
0.84
(.033)
0.84
(.033)
6.50
(.256)
11.62
(.457)
13.30
(.524)
0.25
(.010)
R
GRID
PLACEMENT
COURTYARD
12 PLCS.
9.58
(.377)
DIA.
7.22
(.284)
DIA.
TOLERANCE: ±0.05
(±.002)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com