Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2018-35-SMH-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2018-35-SMH-RPLF
Description  Gas Discharge Tube Surge Arrestor with FLAT Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2018-35-SMH-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2018-35-SMH-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2018-35-SMH-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2018-35-SMH-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions 2018-35-SMH-RPLF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018SeriesGasDischargeTubeSurgeArrestorwithFLAT®Technology
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast
2011/65/EU June 8, 2011.
“FLAT” is a registered trademark of Bourns, Inc. in the U.S. and other countries.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers
as set forth on the last page of this document, and at www.bourns.com/docs/legal/
disclaimer.pdf.
Description
Bourns sets a new industry standard by offering this 3-electrode Gas Discharge Tube (GDT) in an innovative flat package design.
The Model 2018 Series with FLAT® Technology provides a low profile, space-saving solution for space-restricted PCB applications.
Features
n
Bourns® FLAT® GDT technology
n
Flexible mounting options
n
Low profile, space-saving design
n
10x 20 kA 8/20 µs rating
n
UL Recognized
n
RoHS compliant*
Applications
n
Telecom CPE
n
Industrial Communications
n
Surge Protective Devices
n
High density PCB assemblies
Characteristics
Test Methods per ITU-T (CCITT) K.12 Class 3 and IEC 61643-311
Characteristic
Model No.
2018-09
2018-15
2018-23
2018-35
2018-42
2018-50
DC Sparkover ±20 % @ 100 V/s (1)
DC Sparkover End-of-Life Values (2)
Maximum (99 % of values)
Minimum (99 % of values)
90 V
<120 V
>65 V
150 V
<195 V
>110 V
230 V
<300 V
>170 V
350 V
<455 V
>260 V
420 V
<550 V
>315 V
500 V
<650 V
>375 V
Impulse Sparkover Voltage (3)
100 V/µs Typical /
For 99 % of Values
1 kV/µs Typical /
For 99 % of Values
350 / <600 V
650 / <850 V
400 / <750 V
650 / <900 V
450 / <900 V
600 / <1000 V
600 / <1050 V
800 / <1250 V
700 / <1150 V
900 / <1400 V
800 / <1250 V
1000 / <1600 V
Insulation Resistance (IR) ..................100 V (50 V for Model 2018-09)............................................. >1 GΩ
Glow Voltage ......................................10 mA..................................................................................... ~70 V
Arc Voltage .........................................>1 A........................................................................................ ~10 V
Capacitance........................................1 MHz..................................................................................... <2.5 pF
Impulse Discharge Current (4)............24,000 A, 8/20 µs (5)............................................................... 1 operation
20,000 A, 8/20 µs ................................................................... >10 operations
5,000 A, 10/350 µs ................................................................. 1 operation
200 A, 10/1000 µs ................................................................. >300 operations
20 A, 10/1000 µs ................................................................... >1500 operations
Alternating Discharge Current ............10 Arms, 1 s ........................................................................... >10 operations
Operating/Storage Temperature......................................................................................................... -55 to +105 °C
Climatic Category (IEC 60068-1)........................................................................................................ 55/105/21
Moisture Sensitivity Level................................................................................................................... 1
ESD Classification.............................................................................................................................. 3B (>8000 V)
Notes:
• UL Recognized component, UL File E153537
• DC Breakdown and Impulse Sparkover voltage are specified line to ground. Line to Line values are typically 1.8 to 2 times
the stated line to ground values.
(1) In ionized mode.
(4) Total current rating through center electrode; half value each line to center electrode.
(2) IR after life >108 Ω.
(5) DC Sparkover may exceed ±25 % after discharge, but will continue to protect without venting.
(3) At delivery AQL 0.65 Level II, DIN ISO 2859.
How to Order
2018 - xx - SMH - RP LF
Series Designator
2018 = 3-electrode GDT with FLAT®
Technology, 20 kA 8/20 µs rated
Voltage
09 = 90 V
23 = 230 V
42 = 420 V
15 = 150 V
35 = 350 V
50 = 500 V
Configuration
SMH = Horizontal Mount SMD
Packaging
RP = Reelpack (Standard)
RoHS Compliancy
LF = RoHS Compliant Product
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
18-9
2916


Similar Part No. - 2018-35-SMH-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2018-35 BOURNS-2018-35 Datasheet
347Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results

Similar Description - 2018-35-SMH-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2017-09 BOURNS-2017-09 Datasheet
594Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
2029-XX-SMLF BOURNS-2029-XX-SMLF Datasheet
250Kb / 3P
Heavy Duty Gas Discharge Tube Surge Arrestor
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
Gas Discharge Tube Surge Arrestor with FLAT Technology
2019 BOURNS-2019 Datasheet
590Kb / 4P
Gas Discharge Tube Surge Arrestor with FLAT Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com