Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-2-RPT-LDP-24DC Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # RIF-2-RPT-LDP-24DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-2-RPT-LDP-24DC Datasheet(HTML) 6 Page - PHOENIX CONTACT

  RIF-2-RPT-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-2-RPT-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-2-RPT-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-2-RPT-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-2-RPT-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-2-RPT-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/us/products/2903308
3/7/14   Page 6 / 6
Relay Module - RIF-2-RPT-LDP-24DC/4X21 - 2903308
Diagram
0
1
2
3
10
5
10
6
10
7
250VAC,ohmicload
Switchingcapacity[kVA]
Electrical service life
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor
© Phoenix Contact 2013 - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com