Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-2-RPT-LV-24AC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # RIF-2-RPT-LV-24AC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-2-RPT-LV-24AC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  RIF-2-RPT-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-2-RPT-LV-24AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2903306
3/7/14   Page 2 / 6
Relay Module - RIF-2-RPT-LV-24AC/4X21 - 2903306
Technical data
Coil side
Protective circuit
Varistor
Contact side
Contact type
4 PDTs
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V (At 24 mA)
Maximum inrush current
16 A (20 ms, N/O contact)
Min. switching current
5 mA (at 24 V)
Limiting continuous current
5 A (see diagram)
Interrupting rating (ohmic load) max.
120 W (at 24 V DC)
124 W (at 48 V DC)
108 W (at 60 V DC)
52 W (at 110 V DC)
48 W (at 220 V DC)
1250 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (24 V (DC13))
1 A (230 V (AC 15))
Connection data
Connection method
Push-in connection
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
1.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
16
Stripping length
8 mm
General
Test voltage relay winding/relay contact
2.5 kVrms (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay socket)
RT I (Relay)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com