Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-2-RSC-LDP-24DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-2-RSC-LDP-24DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-2-RSC-LDP-24DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-2-RSC-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-2-RSC-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-2-RSC-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-2-RSC-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-2-RSC-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-2-RSC-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903320
07/23/2018   Page 4 / 6
Relay Module - RIF-2-RSC-LDP-24DC/4X21 - 2903320
Circuit diagram
A2-
A1+
12
32
22
42
14
34
24
44
11
31
21
41
DC coils
Diagram
20
30
40
50
60
70
80
1
2
3
4
5
6
7
8
9
10
11
Ambient temperature [°C]
DC coil
AC coil
Contact derating
Diagram
0,6
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
20
30
40
50
60
70
80
Ambienttemperature[°C]
DCcoil(observecontactderating)
ACcoil(observecontactderating)
Operating voltage range
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
Switchingvoltage[V]
AC,ohmicload
DC,ohmicload
Interrupting rating
Diagram
0
1
2
3
10
5
10
6
10
7
250VAC,ohmicload
Switchingcapacity[kVA]
Electrical service life
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com