Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-2-RSC-LV-230AC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # RIF-2-RSC-LV-230AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-2-RSC-LV-230AC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-2-RSC-LV-230AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-2-RSC-LV-230AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-2-RSC-LV-230AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-2-RSC-LV-230AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-2-RSC-LV-230AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-2-RSC-LV-230AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903316
07/23/2018   Page 1 / 6
Relay Module - RIF-2-RSC-LV-230AC/4X21 - 2903316
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in
display/interference suppression module, and retaining bracket. Contact type: 4 changeover contacts. Input
voltage: 230 V AC
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4046356732185
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
27 mm
Height
89 mm
Depth
75 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 50 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Coil side
Nominal input voltage UN
230 V AC
Input voltage range in reference to UN
see diagram
Mains frequency
50/60 Hz
Typical input current at UN
6.5 mA
Typical response time
5 ms ... 15 ms
Typical release time range
5 ms ... 20 ms


Similar Part No. - RIF-2-RSC-LV-230AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-2-RSC-LV-24AC PHOENIX-RIF-2-RSC-LV-24AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket
More results

Similar Description - RIF-2-RSC-LV-230AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-1-RSC-LV-24AC PHOENIX-RIF-1-RSC-LV-24AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-1-RSC-LV-120AC PHOENIX-RIF-1-RSC-LV-120AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-1-RSC-LV-230AC PHOENIX-RIF-1-RSC-LV-230AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-2-RSC-LV-24AC PHOENIX-RIF-2-RSC-LV-24AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket
RIF-2-RSC-LV-120AC PHOENIX-RIF-2-RSC-LV-120AC Datasheet
125Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-3-RSC-LV-120AC PHOENIX-RIF-3-RSC-LV-120AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-3-RSC-LV-230AC PHOENIX-RIF-3-RSC-LV-230AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RSC-LV-120AC PHOENIX-RIF-4-RSC-LV-120AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
RIF-4-RSC-LV-230AC PHOENIX-RIF-4-RSC-LV-230AC Datasheet
123Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com