Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-3-RPT-LDP-24DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # RIF-3-RPT-LDP-24DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-3-RPT-LDP-24DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  RIF-3-RPT-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-3-RPT-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-3-RPT-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-3-RPT-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-3-RPT-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-3-RPT-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/2903294
3/7/14   Page 3 / 6
Relay Module - RIF-3-RPT-LDP-24DC/3X21 - 2903294
Technical data
General
Mechanical service life
Approx. 2 x 107 cycles
Standards/regulations
DIN EN 50178
IEC 62103
Rated insulation voltage
250 V AC
Pollution degree
2
Surge voltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing
Articles in set
Relay socket - RIF-3-BPT/3X21 - 2900938
RIF-3... relay base, for octal relay with 3 PDTs, push-in connection, plug-in option for input/suppressor modules, for
mounting on NS 35/7,5
 
 
Single relay - REL-OR3/LDP-24DC/3X21 - 2903693
Plug-in octal relays with power contacts, 3 PDTs, test button, freewheeling diode, mechanical switch position indicator,
polarity: A1+, A2-, coil voltage: 24 V DC
 
 
Retaining bracket - RIF-RH-3 - 2900955
Relay retaining bracket, with holder for marking material, suitable for RIF-3 relay base, for octal relay
 
 
Classifications
eCl@ss
eCl@ss 4.0
27371102



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com