Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2HZ Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2HZ
Description  1.8V CMOS Oscillator with - 55125째C Temperature Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2HZ Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2HZ Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2HZ Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2HZ Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2HZ Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO2HZ 1/4
v1.0
MCSO2HZ
MCSO2HZ
1.8V CMOS Oscillator with -
1.8V CMOS Oscillator with -
55+125°C Temperature Range
55+125°C Temperature Range
Military temperature range -55+125°C option
Excellent shock & vibration resistance
Enable / disable tristate option (>500kHz)
Wide frequency range available
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
see note below
Any
±100ppm
±50ppm
T
Operating temperature range
Any
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Enable / disable function
Any
None (pad 1 NC)
Active (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned Ag/Cu/Zn
T
*


Similar Part No. - MCSO2HZ

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2H GOLLEDGE-MCSO2H Datasheet
140Kb / 1P
CMOS Oscillator
MCSO2H GOLLEDGE-MCSO2H Datasheet
546Kb / 4P
5V CMOS Oscillator with -55125째C Temperature Range
MCSO2HV GOLLEDGE-MCSO2HV Datasheet
547Kb / 4P
3.3V CMOS Oscillator with - 55125째C Temperature Range
MCSO2HW GOLLEDGE-MCSO2HW Datasheet
547Kb / 4P
2.5V CMOS Oscillator with - 55125째C Temperature Range
MCSO2HW/TB GOLLEDGE-MCSO2HW/TB Datasheet
140Kb / 1P
CMOS Oscillator
More results

Similar Description - MCSO2HZ

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOU114 GOLLEDGE-GXOU114 Datasheet
58Kb / 1P
1.8V CMOS Oscillator
MCSO2F GOLLEDGE-MCSO2F Datasheet
142Kb / 1P
CMOS Oscillator -55125째C Low Jitter
MCSO GOLLEDGE-MCSO_18 Datasheet
566Kb / 4P
Low Frequency 5.0V CMOS Oscillator with -55125째C Temperature Range
MCSO1 GOLLEDGE-MCSO1_18 Datasheet
569Kb / 4P
5.0V CMOS Oscillator with Military - 55125째C Temperature Range
MCSO2HW GOLLEDGE-MCSO2HW Datasheet
547Kb / 4P
2.5V CMOS Oscillator with - 55125째C Temperature Range
MCSO2HV GOLLEDGE-MCSO2HV Datasheet
547Kb / 4P
3.3V CMOS Oscillator with - 55125째C Temperature Range
MCSO2H GOLLEDGE-MCSO2H Datasheet
546Kb / 4P
5V CMOS Oscillator with -55125째C Temperature Range
MCSO2FZ GOLLEDGE-MCSO2FZ Datasheet
551Kb / 4P
1.8V Low Jitter Oscillator with - 55125째C Temperature Range
MCSO2FW GOLLEDGE-MCSO2FW Datasheet
551Kb / 4P
2.5V Low Jitter Oscillator with - 55125째C Temperature Range
MCSO2FV GOLLEDGE-MCSO2FV Datasheet
551Kb / 4P
3.3V Low Jitter Oscillator with - 55125째C Temperature Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com