Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-3-RSC-LV-120AC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # RIF-3-RSC-LV-120AC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-3-RSC-LV-120AC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  RIF-3-RSC-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT RIF-3-RSC-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT RIF-3-RSC-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT RIF-3-RSC-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT RIF-3-RSC-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT RIF-3-RSC-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903299
07/23/2018   Page 2 / 6
Relay Module - RIF-3-RSC-LV-120AC/3X21 - 2903299
Technical data
Coil side
Coil voltage
120 V AC
Protective circuit
Varistor
Operating voltage display
Yellow LED
Contact side
Contact type
3 PDTs
Type of switch contact
Single contact
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
10 V (At 24 mA)
Min. switching current
10 mA (at 24 V)
Maximum inrush current
30 A (20 ms, N/O contact)
Limiting continuous current
6 A (see diagram)
Interrupting rating (ohmic load) max.
144 W (at 24 V DC)
124 W (at 48 V DC)
108 W (at 60 V DC)
52 W (at 110 V DC)
48 W (at 220 V DC)
1500 VA (for 250 V AC)
Switching capacity in acc. with DIN VDE 0660/IEC 60947
2 A (at 24 V, DC13)
0.22 A (at 120 V, DC13)
0.11 A (at 250 V, DC13)
3 A (at 24 V, AC15)
3 A (at 120 V, AC15)
1.5 A (at 240 V, AC15)
Connection data input side
Connection name
Input side
Connection method
Screw connection
Stripping length
8 mm
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross-section solid (2 conductors with same cross section)
0.5 mm² ... 2.5 mm²
Conductor cross section flexible
0.5 mm² ... 4 mm²
0.5 mm² ... 4 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 2.5 mm²
0.5 mm² ... 1.5 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 10 (solid)
20 ... 12 (flexible)
Torque
0.5 Nm ... 0.6 Nm
Connection data output side
Connection name
Contact side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com