Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4020FA-R82M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP4020FA-R82M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4020FA-R82M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP4020FA-R82M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4020FA-R82M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4020FA-R82M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4020FA-R82M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRP4020FASeries–ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
1R0
1625
1R0
1625
1R0
1625
12.4+2/-0
(.488+.079/-0)
13.0+0.5/-0.2
(.512+.020/-.008)
DIA.
330
(12.992)
100±2
(3.937±.079)
USER DIRECTION OF FEED
QTY:3,000PCSPERREEL
4.0
(.157)
5.5±0.1
(.217±.004)
12.0±0.3
(.472±.012)
200
(7.874)
NOCOMPONENT
COMPONENTS
NOCOMPONENT
400
(15.748)
4.4±0.1
(.173±.004)
8.0±0.1
(.315±.004)
1.5±0.1
(.059±.004)
0.35±0.1
(.014±.004)
2.3±0.1
(.091±.004)
4.4±0.1
(.173±.004)
330
(12.99)
2.0±0.5
(.079±.020)
13+0.5/-0.2
(.512+.020/-.008)
DIA.
DIA.
DIA.
06/18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com