Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4030FA-R90M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP4030FA-R90M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4030FA-R90M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP4030FA-R90M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4030FA-R90M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4030FA-R90M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4030FA-R90M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRP4030FASeries–ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
L vs. I Charts
02.6
7.8
5.2
10.4
13.0
SRP4030FA-R90M
DC Current (A)
55
44
33
22
11
0
1.80
1.44
1.08
0.72
0.36
0
01.4
4.2
2.85.6
7.0
SRP4030FA-4R7M
DC Current (A)
50
40
30
20
10
0
8.0
6.4
4.8
3.2
1.6
0
01.2
3.6
2.44.8
6.0
SRP4030FA-6R8M
DC Current (A)
60
48
36
24
12
0
10
8
6
4
2
0
02.4
7.2
4.89.6
12.0
SRP4030FA-1R0M
DC Current (A)
50
40
30
20
10
0
1.80
1.44
1.08
0.72
0.36
0
01.5
4.5
3.06.0
7.5
SRP4030FA-3R3M
DC Current (A)
45
36
27
18
9
0
5.5
4.4
3.3
2.2
1.1
0
NOTE:0.12mmthicksolderpasterecommended.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com