Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP6030CA-R18M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP6030CA-R18M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP6030CA-R18M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP6030CA-R18M Datasheet HTML 1Page - Bourns Electronic Solutions SRP6030CA-R18M Datasheet HTML 2Page - Bourns Electronic Solutions SRP6030CA-R18M Datasheet HTML 3Page - Bourns Electronic Solutions SRP6030CA-R18M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Flatwire
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
Applications
n
Selectedautomotiveapplications:
- Driverassistant
- Infotainment
- Lighting
n
DC/DCconverters
n
Powersupplies
SRP6030CASeries–ShieldedPowerInductors
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Operating Temperature
................................-55 °C to +155 °C
(Temperature rise included)
Storage Temperature (Component)
................................-55 °C to +155 °C
Rated Current............. Inductance drops
30 % at Isat
Temperature Rise .................20 or 40 °C
at rated Irms1
MSL ......................................................1
ESD Classification (HBM).................N/A
Note1:Circuitdesign,component,PCBtracesize
andthickness,airflowandothercoolingprovisionsall
affecttheparttemperature.Parttemperatureshouldbe
verifiedintheendapplication.
Electrical Specifications @ 25 °C
General Specifications
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 1000 pcs. per 13-inch reel
Materials
Schematic
How to Order
SRP6030CA - 1R2M
Model
Value Code (see table)
100
1720
100
1720
9.60±0.2
(.378±.008)
9.60±0.2
(.378±.008)
8.7±0.25
(.343±.010)
0.15
(.006)
12.0±0.2
(.472±.008)
2.8±0.10
(.110±.004)
3.4
(.134)
MIN.
11.3±0.3
(.445±.012)
2.3±0.3
(.091±.012)
2.5±0.3
(.098±.012)
1.95±0.15
(.077±.006)
2.8±0.10
(.110±.004)
1.50
(.059)
2.9
(.114)
3.4
(.134)
9.7
(.382)
3.3
(.130)
≤
S
F
F
S
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
1R2
1602
6.6±0.2
(.260±.010)
DIM.D
2.9±0.2
(.114±.008)
2.8±0.2
(.110±.008)
SRP6030CA-R18M~1R2M:
SRP6030CA-1R8M~4R5M:
1.4±0.2
(.055±.008)
6.4±0.2
(.252±.010)
2.6±0.25
(.102±.010)
Product Dimensions
5.6
(.220)
REF.
REF.
REF.
5.6
(.220)
2.5
(.098)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Bourns
Part Number
Inductance
@ 100 kHz / 0.1 V
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
I rms (A)
Typ.
I sat
(A)
Typ.
D Dim.
(mm)
± 0.3 mm
L (µH)
Tol. %
20 °C
Temp. Rise
40 °C
Temp. Rise
SRP6030CA-R18M
0.18
± 20 %
143
1.6
1.75
24
32
40
5.3
SRP6030CA-R33M
0.33
± 20 %
78
2.25
2.5
20
25
32
5.55
SRP6030CA-R56M
0.56
± 20 %
70
3
3.31
17
22
29
5.3
SRP6030CA-1R0M
1.0
± 20 %
52
5.5
6.05
13
18
23
5.2
SRP6030CA-1R2M
1.2
± 20 %
47
6.7
7.4
12
16
22
5.15
SRP6030CA-1R8M
1.8
± 20 %
33
9.2
10.2
10
14
18.2
5.1
SRP6030CA-2R2M
2.2
± 20 %
29
11
12.2
7
10
15.9
5.05
SRP6030CA-3R3M
3.3
± 20 %
25
18.8
20.8
6
8
12.2
5
SRP6030CA-4R5M
4.5
± 20 %
20
23
25.3
5
7
10
5
2R2
1726


Similar Part No. - SRP6030CA-R18M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP6030VA BOURNS-SRP6030VA Datasheet
208Kb / 5P
Shielded Power Inductors
SRP6030VA-100M BOURNS-SRP6030VA-100M Datasheet
208Kb / 5P
Shielded Power Inductors
SRP6030VA-150M BOURNS-SRP6030VA-150M Datasheet
208Kb / 5P
Shielded Power Inductors
SRP6030VA-1R0M BOURNS-SRP6030VA-1R0M Datasheet
208Kb / 5P
Shielded Power Inductors
SRP6030VA-1R5M BOURNS-SRP6030VA-1R5M Datasheet
208Kb / 5P
Shielded Power Inductors
More results

Similar Description - SRP6030CA-R18M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com