Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT29F010B Datasheet(PDF) 16 Page - Force Technologies Ltd

Part # FT29F010B
Description  1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F010B Datasheet(HTML) 16 Page - Force Technologies Ltd

Back Button FT29F010B Datasheet HTML 12Page - Force Technologies Ltd FT29F010B Datasheet HTML 13Page - Force Technologies Ltd FT29F010B Datasheet HTML 14Page - Force Technologies Ltd FT29F010B Datasheet HTML 15Page - Force Technologies Ltd FT29F010B Datasheet HTML 16Page - Force Technologies Ltd FT29F010B Datasheet HTML 17Page - Force Technologies Ltd FT29F010B Datasheet HTML 18Page - Force Technologies Ltd FT29F010B Datasheet HTML 19Page - Force Technologies Ltd FT29F010B Datasheet HTML 20Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has
exceeded a specified internal pulse count limit. Under
these conditions DQ5 produces a “1.” This is a failure
condition that indicates the program or erase cycle was
not successfully completed.
The DQ5 failure condition may appear if the system
tries to program a “1” to a location that is previously pro-
grammed to “0.” Only an erase operation can change
a “0” back to a “1.” Under this condition, the device
halts the operation, and when the operation has ex-
ceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must issue the
reset command to return the device to reading array
data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not an
erase operation has begun. (The sector erase timer
does not apply to the chip erase command.) If addi-
tional sectors are selected for erasure, the entire time-
out also applies after each additional sector erase com-
mand. When the time-out is complete, DQ3 switches
from “0” to “1.” The system may ignore DQ3 if the sys-
tem can guarantee that the time between additional
sector erase commands will always be less than 50
µs.
See also the “Sector Erase Command Sequence”
section.
After the sector erase command sequence is written,
the system should read the status on DQ7 (Data# Poll-
ing) or DQ6 (Toggle Bit I) to ensure the device has
accepted the command sequence, and then read DQ3.
If DQ3 is “1”, the internally controlled erase cycle has
begun; all further commands are ignored until the
erase operation is complete. If DQ3 is “0”, the device
will accept additional sector erase commands. To en-
sure the command has been accepted, the system
software should check the status of DQ3 prior to and
following each subsequent sector erase command. If
DQ3 is high on the second status check, the last com-
mand might not have been accepted. Table 5 shows
the outputs for DQ3.
Table 5.
Write Operation Status
Notes:
1. DQ7 requires a valid address when reading status information. Refer to the appropriate subsection for further details.
2. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.
See “DQ5: Exceeded Timing Limits” for more information.
Operation
DQ7
(Note 1)
DQ6
DQ5
(Note 2)
DQ3
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
Embedded Erase Algorithm
0
Toggle
0
1
Erase
Suspend
Mode
Reading within Erase Suspended Sector
1
No toggle
0
N/A
Reading within Non-Erase Suspended Sector
Data
Data
Data
Data
Rev 2
16/30
2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com