Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST082011 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST082011
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST082011 Datasheet(HTML) 1 Page - E-SWITCH

  ST082011 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RP8200B2M1CEBLKBLKRG
3:2
8/21/2017
ST082011
A
MW
1
1
PANEL MOUNTING
SPDT ILLUMINATED
LATCHING
SCHEMATIC
2
+
-
-
+
GREEN (REVERSE)
RED (FORWARD)
(+)
1
(
-)
1
2
2
17.50
[.69 in]
HOUSING:
BLACK
ACTUATOR:
COLOR BLACK
THREAD:
M12 x 0.75
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CIRCUIT: SPST OFF-ON (LATCHING)
5. CONTACT MATERIAL: Gold over SILVER
6. RATING: 100mA @ 24 VDC
7. ELECTRIC LIFE: 200,000 CYCLES AT FULL LOAD
8. CONTACT RESISTANCE: 100 milli-OHM max. (INITIAL)
9. INSULATION RESISTANCE: 1,000 MEGA-OHM min. @ 500VDC.
10. DIELECTRIC STRENGTH: 1,000 VAC rms.
11. OPERATING FORCE: 350 gf
150 gf
12. OPERATING TEMPERATURE: -30 C to +85 C.
13. CONTACT BOUNCE: 10ms MAX.
14. TRAVEL: 2.5mm
0.25mm
15. PANEL THICKNESS RANGE: 1.5 - 4.0 mm.
16.
DENOTES CRITICAL PARAMETER.
17. 2011/65/EU (ROHS) COMPLIANT
18. MAX MOUNTING TORQUE: 1.5 Nm APPLIED TO THE NUT
19. HARDWARE INCLUDED:
1. LOCK WASHER (Qty 1)
2. HEX NUT (Qty 1)
3. O-RING (Qty 1)
20. SEAL RATING: IP67 AT THE FRONT PANEL
12.00
[.47 in]
12.90
[.508 in]
13.60
[.535 in]
A
22967
New Release
8/21/17
MW
LED
FORWARD
CURRENT
FORWARD VOLTAGE
@ 20mA
LUMINOUS
INTENSITY
UNITS
mA
V
mcd
RED
20
2.0 - 2.5
700
GREEN
20
2.2 - 2.7
130
5.25
[.207 in]
3.30
[.13 in]
1.86
[.073 in]
7.2
[.28 in]
16.80
[.66 in]
21.0
[.83 in]
22.0
[.87 in]
5.08
[.20 in]
2.80
[.110 in]
1.30
[.05 in]
CATHODE (-)
.50
[.02 in]
WINDOW TO VIEW
Bi-Color LED:
RED / GREEN


Similar Part No. - ST082011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST082010 E-SWITCH-ST082010 Datasheet
162Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST082012 E-SWITCH-ST082012 Datasheet
174Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST082011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com