Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST082012 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST082012
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST082012 Datasheet(HTML) 1 Page - E-SWITCH

  ST082012 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RP8200B2M1CEBLKBLURED
3:2
10/2/2017
ST082012
A
rc
1
1
PANEL MOUNTING
+
-
1
2
CIRCUIT
OFF-ON
SPST ILLUMINATED
(LATCHING)
RED
LED
1
2
2
17.50
[.69 in]
HOUSING:
BLACK
ACTUATOR
COLOR: BLUE
THREAD:
M12 x 0.75
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: Gold over SILVER
5. RATING: 100mA @ 24 VDC
6. ELECTRIC LIFE: 200,000 CYCLES AT FULL LOAD
7. CONTACT RESISTANCE: 100 milli-OHM max. (INITIAL)
8. INSULATION RESISTANCE: 1,000 MEGA-OHM min. @ 500VDC
9. DIELECTRIC STRENGTH: 1,000 VAC rms.
10. OPERATING FORCE: 350gf
150gf
11. OPERATING TEMPERATURE: -30 C to +85 C
12. CONTACT BOUNCE: 10ms MAX.
13. TRAVEL: 2.5mm
0.25mm
14. PANEL THICKNESS RANGE: 1.5 - 4.0 mm.
15.
DENOTES CRITICAL PARAMETER.
16. 2011/65/EU (ROHS) COMPLIANT
17. MAX MOUNTING TORQUE: 1.5 Nm APPLIED TO THE NUT
18. HARDWARE INCLUDED:
1. T081101 LOCK WASHER (Qty 1)
2. T081102 HEX NUT (Qty 1)
3. T081103 O-RING (Qty 1)
19. SEAL RATING: IP67 AT THE FRONT PANEL
12.00
[.47 in]
12.90
[.508 in]
13.60
[.535 in]
A
23020
NEW RELEASE
10/2/17
MW
LED PARAMETER
FORWARD
CURRENT
FORWARD VOLTAGE
@ 20mA
LUMINOUS
INTENSITY
UNITS
mA
V
mcd
RED
20
2.0 - 2.5
700
5.25
[.207 in]
3.30
[.13 in]
1.86
[.073 in]
7.22
[.284 in]
16.80
[.66 in]
21.00
[.83 in]
22.00
[.87 in]
5.08
[.20 in]
2.80
[.110 in]
1.30
[.05 in]
CATHODE (
-)
.50
[.020 in]
WINDOW TO VIEW
RED LED
12.65
[.498 in]
FLAT
13.30
[.524 in]
O-RING


Similar Part No. - ST082012

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST082010 E-SWITCH-ST082010 Datasheet
162Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST082011 E-SWITCH-ST082011 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST082012

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com