Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT29F040B-55FD Datasheet(PDF) 2 Page - Force Technologies Ltd

Part # FT29F040B-55FD
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F040B-55FD Datasheet(HTML) 2 Page - Force Technologies Ltd

  FT29F040B-55FD Datasheet HTML 1Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 2Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 3Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 4Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 5Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 6Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 7Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 8Page - Force Technologies Ltd FT29F040B-55FD Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
GENERAL DESCRIPTION
The
FT29F040B is a 4 Mbit, 5.0 volt-only Flash mem-
ory organi
sed as 524,288 Kbytes of 8 bits each. The
512 Kbytes of data are divided into eight sectors of 64
Kbytes each for flexible erase capability. The 8 bits of
data appear on DQ0–DQ7. The
FT29F040B is offered
in 32-pin PLCC, TSOP, and PDIP packages. This device
is designed to be programmed in-system with the stan-
dard system 5.0 volt VCC supply. A 12.0 volt VPP is not
required for write or erase operations. The device can
also be programmed in standard EPROM programmers.
This device is manufactured using 0.32 µm pro-
cess technology, and offers all the features and
benefits of the
FT29F040, which was manufactured
using 0.5 µm process technology. In addtion, the
FT29F040B has a second toggle bit, DQ2, and also of-
fers the ability to program in the Erase Suspend mode.
The standard
FT29F040B offers access times of 55,
70, 90, 120, and 150 ns, allowing high-speed micropro-
cessors to operate without wait states. To eliminate bus
contention the device has separate chip enable (CE#),
write enable (WE#) and output enable (OE#) controls.
The device requires only a single 5.0 volt power sup-
ply for both read and write functions. Internally
generated and regulated voltages are provided for the
program and erase operations.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state-machine that
controls the erase and programming circuitry. Write cy-
cles also internally latch addresses and data needed
for the programming and erase operations. Reading
data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program
command sequence. This initiates the Embedded
Program algorithm—an internal algorithm that auto-
matically times the program pulse widths and verifies
proper cell margin.
Device erasure occurs by executing the erase com-
mand sequence. This initiates the Embedded Erase
algorithm—an internal algorithm that automatically
preprograms the array (if it is not already programmed)
before executing the erase operation. During erase, the
device automatically times the erase pulse widths and
verifies proper cell margin.
The host system can detect whether a program or
erase operation is complete by reading the DQ7 (Data#
Polling) and DQ6 (toggle) status bits. After a program
or erase cycle has been completed, the device is ready
to read array data or accept another command.
The sector erase architecture allows memory sectors
to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low
VCC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
protection feature disables both program and erase
operations in any combination of the sectors of mem-
ory. This can be achieved via programming equipment.
The Erase Suspend feature enables the user to put
erase on hold for any period of time to read data from,
or program data to, any sector that is not selected for
erasure. True background erase can thus be achieved.
The system can place the device into the standby mode.
Power consumption is greatly reduced in this mode.
Our Flash technology combines years of Flash
memory manufacturing experience to produce the
highest levels of quality, reliability and cost effective-
ness. The device electrically erases all bits within a
sector simultaneously via Fowler-Nordheim tunneling.
The data is programmed using hot electron injection.
FT29F040B
Rev 2
Page 2 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com