Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2002 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2002
Description  Advanced Load Management Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2002 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2002 Datasheet HTML 1Page - ON Semiconductor FPF2002 Datasheet HTML 2Page - ON Semiconductor FPF2002 Datasheet HTML 3Page - ON Semiconductor FPF2002 Datasheet HTML 4Page - ON Semiconductor FPF2002 Datasheet HTML 5Page - ON Semiconductor FPF2002 Datasheet HTML 6Page - ON Semiconductor FPF2002 Datasheet HTML 7Page - ON Semiconductor FPF2002 Datasheet HTML 8Page - ON Semiconductor FPF2002 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FPF2000-FPF2007 Rev. H
tm
October 2008
FPF2000-FPF2007
IntelliMAX™ Advanced Load Management Products
Features
1.8 to 5.5V Input Voltage Range
Controlled Turn-On
50mA and 100mA Current Limit Options
Undervoltage Lockout
Thermal Shutdown
<1µA Shutdown Current
Auto restart
Fast Current limit Response Time
3µs to Moderate Over Currents
20ns to Hard Shorts
Fault Blanking
RoHS Compliant
Applications
PDAs
Cell Phones
GPS Devices
MP3 Players
Digital Cameras
Peripheral Ports
Hot Swap Supplies
General Description
The FPF2000 through FPF2007 is a family of load switches which
provide full protection to systems and loads which may encounter
large current conditions. These devices contain a 0.7
Ω current-
limited P-channel MOSFET which can operate over an input
voltage range of 1.8-5.5V. Switch control is by a logic input (ON)
capable of interfacing directly with low voltage control signals. Each
part contains thermal shutdown protection which shuts off the
switch to prevent damage to the part when a continuous over-
current condition causes excessive heating.
When the switch current reaches the current limit, the part
operates in a constant current mode to prohibit excessive currents
from causing damage. For the FPF2000-FPF2002 and FPF2004-
FPF2006, if the constant current condition still persists after 10ms,
these parts will shut off the switch and pull the fault signal pin
(FLAGB) low. The FPF2000, FPF2001, FPF2004 and FPF2005,
have an auto-restart feature which will turn the switch on again
after 80ms if the ON pin is still active. The FPF2002 and FPF2006
do not have this auto-restart feature so the switch will remain off
until the ON pin is cycled. For the FPF2003 and FPF2007, a
current limit condition will immediately pull the fault signal pin low
and the part will remain in the constant-current mode until the
switch current falls below the current limit. For the FPF2000
through FPF2003, the minimum current limit is 50mA while that for
the FPF2004 through FPF2007 is 100mA.
These parts are available in a space-saving 5 pin SC-70 package.
Ordering Information
Part
Current Limit
[mA]
Current Limit
Blanking Time
[ms]
Auto-Restart
Time
[ms]
ON Pin
Activity
Top Mark
FPF2000
50
10
80
Active HI
200
FPF2001
50
10
80
Active LO
201
FPF2002
50
10
NA
Active HI
202
FPF2003
50
0
NA
Active HI
203
FPF2004
100
10
80
Active HI
204
FPF2005
100
10
80
Active LO
205
FPF2006
100
10
NA
Active HI
206
FPF2007
100
0
NA
Active HI
207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com