Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2003 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FPF2003
Description  Advanced Load Management Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2003 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FPF2003 Datasheet HTML 2Page - ON Semiconductor FPF2003 Datasheet HTML 3Page - ON Semiconductor FPF2003 Datasheet HTML 4Page - ON Semiconductor FPF2003 Datasheet HTML 5Page - ON Semiconductor FPF2003 Datasheet HTML 6Page - ON Semiconductor FPF2003 Datasheet HTML 7Page - ON Semiconductor FPF2003 Datasheet HTML 8Page - ON Semiconductor FPF2003 Datasheet HTML 9Page - ON Semiconductor FPF2003 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5
www.fairchildsemi.com
FPF2000-FPF2007 Rev. H
Typical Characteristics
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Quiescent Current vs. Temperature
Figure 3. ISHUTDOWN Current vs. Temperature
Figure 4. ISWITCH-OFF Current vs. Temperature
Figure 5. ILATCHOFF vs. Temperature
Figure 6. VIH vs. VIN
50
55
60
65
70
75
11.5
2
2.5
33.54
4.5
55.5
6
SUPPLY VOLTAGE (V)
VON = VIN
40
45
50
55
60
65
70
75
80
85
90
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VON = VIN
VIN = 5.5V
VIN = 3.3V
VIN = 1.8V
0
5
10
15
20
25
30
35
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
I_SHDN
VIN = 5V
VIN = 3.3V
0
5
10
15
20
25
30
35
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
28
32
36
40
44
48
52
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
0
0.25
0.5
0.75
1
1.25
1.5
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN , INPUT VOLTAGE (V)
FPF2000, 2002, 2003, 2004, 2006, 2007
FPF2001, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com