Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT250N8 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # PHT250N8
Description  Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PHT250N8 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  PHT250N8 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PHT250N8 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PHT250N8 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PHT250N8 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■電気的特性 Electrical Characteristics
特性値最大
Maximum Value
項 目
Parameter
記 号
Symbol
条 件
Conditions
最小
Min
標準
Typ
最大
Max
単位
Unit
オ電流
Peak Off-State Current
IDM
Tj = 125℃, VDM= VDRM
80
mA
逆電流
Peak Reverse Current
IRM
Tj = 125℃, VRM= VRRM
80
mA
オン電圧
Peak Off-State Voltage
VTM
Tj = 25℃, ITM= 800A
1.43
V
Tj= 40℃
300
Tj= 25℃
150
トガト電流
Gate Current to Trigger
IGT
VD= 6 V, IT= 1A
Tj=125℃
80
mA
Tj= 40℃
5
Tj= 25℃
3
トガト電圧
Gate Voltage to Trigger
VGT
VD= 6 V, IT= 1A
Tj=125℃
2
V
非トガト電圧
Gate Non-Trigger Voltage
VGD
Tj =125℃, VD= 2/3 VDRM
0.25
V
臨界オ電圧上昇率
Critical Rate of Rise of Off-State Voltage
dv/dt
Tj =125℃, VD= 2/3 VDRM
500
V/μs
タンオ時間
Turn-Off Time
tq
Tj =125℃, ITM= Io, VD= 2/3 VDRM
dv/dt = 20V/μs, VR= 100V, ‐di/dt = 20A/μs
200
μs
タンオン時間
Turn-On Time
t gt
6
μs
遅れ時間
Delay Time
t d
2
μs
立ち上がり時間
Rise Time
t r
Tj =25℃, VD= 2/3 VDRM
IG= 300mA, diG/dt = 0.2A/μs
4
μs
ッチン電流
Latching Current
I L
Tj =25℃
150
mA
保持電流
Holding Current
I H
Tj =25℃
100
mA
熱抵抗
Thermal Resistance
Rth(j-c)
接合部間
Junction to Case
0.1
℃/W
接触熱抵抗
Thermal Resistance
Rth(c-f)
ース-フィ 間
ーマル ハ
ト 塗布
Case to Fin, Greased
0.1
℃/W
質 量
約250g
1アム当りの値 Value Per 1Arm.
Approximate Weight



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com