Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT250N16 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PHT250N16
Description  Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PHT250N16 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PHT250N16 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PHT250N16 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PHT250N16 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PHT250N16 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimピnsion:[mm]
■最大定格 Maximum Ratings
耐圧
Grade
項 目
Parameter
記号
Symbol
PHT250N16
単位
Unit
く返し電圧
Repetitive Peak Off-State Voltage
VDRM
1600
V
非く返し電圧
Non Repetitive Peak Off-State Voltage
VDSM
1700
V
く返し逆電圧
Repetitive Peak Reverse Voltage
VRRM
1600
V
非く返し逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
1700
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.Rated Value
単位
Unit
平均ン電流
Average On-State Current
Io (AV)
商用周波数180°通電
Tc=84℃
Half Sine Wave
250
A
実効ン電流
RMSOn-State Current
IT(RMS)
390
A
サン電流
Surge On-State Current
ITSM
50Hz 正弦半波 1
ル 非く返し
Half Sine Wave, 1Pulse, Non-Repetitive
4000
A
電流二乗時間積
I Squared t
I2t
2~10ms
80000
A2s
臨界ン電流上昇率
Critical Rate of Rise of Turned-On Current
di/dt
VD=2/3 VDRM, ITM=2 Io, Tj=125℃
IG=300mA, diG/dt =0.2A/μs
100
A/μs
電力損失
Peak Gate Power
PGM
5
W
平均電力損失
Average Gate Power
PG(AV)
1
W
電流
Peak Gate Current
IGM
2
A
電圧
Peak Gate Voltage
VGM
10
V
逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
動作接合温度範囲
Operating Junction Temperature Range
Tjw
-40 ~ +125
℃
保存温度範囲
Storage Temperature Range
Tstg
-40 ~ +125
℃
絶縁耐圧
Isolation Voltage
Viso
端子ベ間 AC 1 分間
Terminal to Base, AC 1min.
2500
V
ベ部
Mounting
ーマル ハ
ト 塗布
Greased
M5
2.4 ~ 2.8
N m
締付
Mounting Torque
主端子部
Terminal
F
M5
2.4 ~ 2.8
N m
(注)アノ
ソ
間空間距離
5mm あ、UL1557,400V 系使用
さ場合、十分空間距離を満足させ
くさい.
The striking distance between the
anode and the cathode of this
module is 5mm, filing with
UL1557, but when used by the
system of 400V AC, take an
enoughstrikingdistanceandwire.
PHT250N16
250A Avg 1600 Volts
Y
O


Similar Part No. - PHT250N16

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT250N16 NIEC-PHT250N16 Datasheet
867Kb / 4P
THYRISTOR
logo
National Instruments Co...
PHT250N16 NI-PHT250N16_15 Datasheet
867Kb / 4P
THYRISTOR
More results

Similar Description - PHT250N16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com