Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT400N8 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PHT400N8
Description  Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PHT400N8 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PHT400N8 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PHT400N8 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PHT400N8 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PHT400N8 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimピnsion:[mm]
■最大定格 Maximum Ratings
耐圧
Grade
項 目
Parameter
記号
Symbol
PHT400N8
単位
Unit
くり返しオ電圧
Repetitive Peak Off-State Voltage
VDRM
800
V
非くり返しオ電圧
Non Repetitive Peak Off-State Voltage
VDSM
900
V
くり返し逆電圧
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返し逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
900
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.Rated Value
単位
Unit
平均オン電流
Average On-State Current
Io (AV)
商用周波数180°通電
Tc =78℃
Half Sine Wave
400
A
実効オン電流
RMSOn-State Current
IT(RMS)
630
A
サオン電流
Surge On-State Current
ITSM
50Hz 正弦半波 1
ル 非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
7500
A
電流二乗時間積
I Squared t
I2t
2~10ms
281000
A2s
臨界オン電流上昇率
Critical Rate of Rise of Turned-On Current
di/dt
VD= 2/3 VDRM, ITM = 2 Io, Tj =125℃
IG= 300mA, diG/dt = 0.2A/μs
100
A/μs
ト電力損失
Peak Gate Power
PGM
5
W
平均ト電力損失
Average Gate Power
PG(AV)
1
W
ト電流
Peak Gate Current
IGM
2
A
ト電圧
Peak Gate Voltage
VGM
10
V
ト逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
動作接合温度範囲
Operating Junction Temperature Range
Tjw
-40 ~ +125
℃
保存温度範囲
Storage Temperature Range
Tstg
-40 ~ +125
℃
絶縁耐圧
Isolation Voltage
Viso
端子ベ間 AC 1 分間
Terminal to Base, AC 1min.
2500
V
ベ部
Mounting
ーマル ハ
ト 塗布
Greased
M6
2.5 ~ 3.5
N m
締付ト
Mounting Torque
主端子部
Terminal
M8
9.0 ~ 10.0
N m
Y
O
400A Avg 800 Volts
PHT400N8


Similar Part No. - PHT400N8

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT400N8 NIEC-PHT400N8 Datasheet
790Kb / 4P
THYRISTOR
logo
National Instruments Co...
PHT400N8 NI-PHT400N8_15 Datasheet
790Kb / 4P
THYRISTOR
More results

Similar Description - PHT400N8

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com