Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS325S Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CS325S
Description  AT-CUT CRYSTAL UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CS325S Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CS325S Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CS325S Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dec
Package
specification
Package
specification
Package
specification
Package
specification
T
T
T
T
Only Tape & Reel
y
:
The
last
digit
of
production
year
E
E
E
E
Month
Jan
Feb
…
Sep
f
:
The
first
4
digits
of
Frequency
including
the
decimal
point
C
:
Manufacture's
ID
Code
m
:
Production
month
(See
Table.1)
#
:
Production
Lot
No.
Oct
Nov
Table.1
±10ppm
Range
-10℃
~
+60℃
■
Packing
c
d
(φ)
e
Code
1
2
…
Q'ty/reel
Conforming
to
JIS
C
0806
TB1208NEIAJ
and
RC-1009B
TE1208N
Conforming
to
JIS
C
0806
R12R
and
EIAJ
RC-1009B
R15
9
X
Y
Z
180
60
m
(φ)
n
(φ)
3,000
8.0
3.5
4.0
1.1
3.5
0.25
0.75
f
g
a
b
h
j
k
l
 5°
2.8
-
11.4
■
PART NUMBERING SYSTEM
Frequency
Frequency
Frequency
Frequency
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
Frequency
Tolerance
(at
25℃)
(at
25℃)
(at
25℃)
(at
25℃)
CITIZEN
CITIZEN
CITIZEN
CITIZEN
management
code
management
code
management
code
management
code
Please specify
the
frequency
in Hz.
Load
capacitance
(CL)
Load
capacitance
(CL)
Load
capacitance
(CL)
Load
capacitance
(CL)
E
E
E
E
±10ppm
CS325S
20000000
A
B
J
T
-
□□□
CS325S
20000000
A
B
J
T
-
□□□
CS325S
20000000
A
B
J
T
-
□□□
CS325S
20000000
A
B
J
T
-
□□□
Ref.
Code
for
internal
use.
B
B
B
B
J
J
J
J
18.0pF
Q
Q
Q
Q
10.0pF
A
A
A
A
■
Part Marking [standard]
A
A
A
A
±30ppm
(STD)
*Please
contact
us
for
specifications
available.
■
Reflow profile
Frequency
Tolerance
over
Frequency
Tolerance
over
Frequency
Tolerance
over
Frequency
Tolerance
over
Operating
Temp.
Range
Operating
Temp.
Range
Operating
Temp.
Range
Operating
Temp.
Range
±30ppm
Range
-10℃
~
+60℃
±50ppm
Range
-10℃
~
+60℃
Rev.1
Cym##
Cym##
Cym##
Cym##
ffff
ffff
ffff
ffff
http://cfd.citizen.co.jp/english/prod-tech/product/cvo_top.html



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com