Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC161284 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LVC161284
Description  LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LVC161284 Datasheet(HTML) 1 Page - STMicroelectronics

  LVC161284 Datasheet HTML 1Page - STMicroelectronics LVC161284 Datasheet HTML 2Page - STMicroelectronics LVC161284 Datasheet HTML 3Page - STMicroelectronics LVC161284 Datasheet HTML 4Page - STMicroelectronics LVC161284 Datasheet HTML 5Page - STMicroelectronics LVC161284 Datasheet HTML 6Page - STMicroelectronics LVC161284 Datasheet HTML 7Page - STMicroelectronics LVC161284 Datasheet HTML 8Page - STMicroelectronics LVC161284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2003
s
HIGH SPEED: tPD = 9ns (MAX.) at VCC =3V
s
LOW POWER DISSIPATION:
ICC=20µA(MAX) at VCC=3.6V TA=85°C
s
TTL COMPATIBLE INPUTS
VIH=2V (MIN) VIL=0.8(MAX)
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 3.0V to 3.6V
s
A PORT HAVE STANDARD 4mA TOTEM
POLE OUTPUT
s
B PORT HIGH DRIVE SOURCE/SINK
CAPABILITY OF 14mA
s
SUPPORT IEEE STD 1284-I (LEVEL 1 TYPE)
AND IEEE STD 1284-II (LEVEL 2 TYPE) FOR
BIDIRECTIONAL PARALLEL
COMMUNICATIONS BETWEEN PERSONAL
COMPUTER ANT PRINTING PERIPHERALS
s
TRANSLATION CAPABILITY ALLOW
OUTPUTSON CABLESIDETO INTERFACE
WITH 5V SIGNAL
s
PULL-UP RESISTOR INTEGRATED ON ALL
OPEN-DRAIN OUTPUT ELIMINATE THE
NEED FOR DISCRETE RESISTOR
s
REPLACE THE FUNCTION OF TWO
74LVC1284 DEVICES
DESCRIPTION
The 74LVC161284 contains eight high speed non
inverting bidirectional buffers and eleven control/
status non-inverting buffers with open drain
outputs
fabricated
in
silicon
gate
C2MOS
technology. It’s intended to provide a standard
signaling
method
for
a
bi-direction
parallel
peripheral in an Extended Capabilities Port Mode
(ECP). The HD (Active HIGH) input pin enables
the Cable port to switch from Open Drain to a high
drive totem pole output, capable of sourcing 14mA
on all thirteen buffer and 84mA on PERI LOGIC
OUTPUT buffer. The DIR input determines the
direction of data flow on the bidirectional buffers.
DIR (Active HIGH) enables data flow from A port
to B port. DIR (Active LOW) enables data flow
from B port to A port. It is available in the
commercial temperature range.
74LVC161284
LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74LVC161284TTR
TSSOP
PIN CONNECTION


Similar Part No. - LVC161284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LVC16244A TI-LVC16244A Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
LVC16373A TI-LVC16373A Datasheet
329Kb / 15P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
LVC16374A TI-LVC16374A Datasheet
468Kb / 17P
16 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
LVC16646A TI-LVC16646A Datasheet
192Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - LVC161284

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7340 ONSEMI-NCV7340_14 Datasheet
111Kb / 12P
High Speed Low Power CAN Transceiver
October, 2014 ??Rev. 8
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
logo
STMicroelectronics
74ACT1284 STMICROELECTRONICS-74ACT1284 Datasheet
243Kb / 11P
HIGH SPEED IEEE1284 TRANSCEIVER
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com