Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7457BRT-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7457BRT-R2
Description  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7457BRT-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7457BRT-R2 Datasheet HTML 10Page - Analog Devices AD7457BRT-R2 Datasheet HTML 11Page - Analog Devices AD7457BRT-R2 Datasheet HTML 12Page - Analog Devices AD7457BRT-R2 Datasheet HTML 13Page - Analog Devices AD7457BRT-R2 Datasheet HTML 14Page - Analog Devices AD7457BRT-R2 Datasheet HTML 15Page - Analog Devices AD7457BRT-R2 Datasheet HTML 16Page - Analog Devices AD7457BRT-R2 Datasheet HTML 17Page - Analog Devices AD7457BRT-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD7457
Rev. 0 | Page 14 of 20
into power-down, is valid on the sixteenth falling edge of SCLK,
having been clocked out on the previous (fifteenth) falling edge.
In applications with a slow SCLK, it is possible to read in data
on each SCLK rising edge. In this case, the first falling edge of
SCLK after the CS rising edge clocks out the second leading
zero and can be read in on the following rising edge. If the first
SCLK edge after the CS rising edge is a falling edge, the first
leading zero that was clocked out when CS went high is missed,
unless it was not read on the first SCLK falling edge. The
fifteenth falling edge of SCLK clocks out the last bit of data,
which can be read in by the following rising SCLK edge.
POWER CONSUMPTION
The AD7457 automatically enters power-down at the end of
each conversion. When in the power-down mode, all analog
circuitry is powered down and the current consumption is 1 µA.
To achieve the specified power consumption (which is the
lowest), there are a few things the user should keep in mind.
The conversion time of the device is determined by the serial
clock frequency. The faster the SCLK frequency, the shorter the
conversion time. Therefore, as the clock frequency used is
increased, the ADC is dissipating power for a shorter period of
time (during conversion) and it remains in power-down for a
longer percentage of the cycle time or throughput rate. This can
be seen in Figure 23, which shows typical IDD versus SCLK
frequency for VDD of 3 V and 5 V, when operating the device at
the maximum throughput of 100 kSPS.
SCLK Frequency (MHz)
2.5
2.0
1.0
1.5
0.5
0
02
8
6
410
VDD = 3V
VDD = 5V
TA = 25°C
Figure 23. IDD vs. SCLK Frequency for VDD = 3 V and 5 V when Operating at 100
kSPS
Figure 24 shows typical power consumption versus throughput
rate for the maximum SCLK frequency of 10 MHz. In this case,
the conversion time is the same for all throughputs, because the
SCLK frequency is fixed. As the throughput rate decreases, the
average power consumption decreases, because the ADC spends
more time in power-down.
020
THROUGHPUT (kSPS)
VDD = 3V
VDD = 5V
40
60
80
100
0
2.5
2.0
1.5
1.0
0.5
TA = 25°C
Figure 24. Power vs. Throughput Rate for SCLK = 10 MHz for VDD = 3 V and 5 V
MICROPROCESSOR INTERFACING
The serial interface of the AD7457 allows the part to be con-
nected to a range of different microprocessors. This section
explains how to interface the AD7457 with the ADSP-218x
serial interface.
AD7457 to ADSP-218x
The ADSP-218x family of DSPs can be interfaced directly to the
AD7457 without any glue logic. The serial clock for the ADC is
provided by the DSP. SDATA from the ADC is connected to the
data receive (DR) input of the serial port and CS can be
controlled by a flag (FL0). The connection diagram is shown in
Figure 25.
SCLK
SDATA
CS
SCLK
DR0
RFS
FL0
*ADDITIONAL PINS OMITTED FOR CLARITY
SPORT0
SPORT1
AD7457*
ADSP-21xx*
Figure 25. AD7457 to ADSP-218x
SPORT0 must be enabled to receive the conversion data and to
provide the SCLK, while SPORT1 must be configured for flags,
and so on.
SPORT0 is configured by setting the bits in its control register
as listed in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com