Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8318
Description  1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices AD8318 Datasheet HTML 23Page - Analog Devices AD8318 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8318
Rev. 0| Page 21 of 24
EVALUATION BOARD
Table 6. Evaluation Board (Rev A) Configuration Options
Component
Function
Default Conditions
TP1, TP2
Supply and Ground Connections
Not Applicable
SW1
Device Enable: When in position A, the ENBL pin is connected to VP and the
AD8318 is in operating mode. In position B, the ENBL pin is grounded
through R3, putting the device in power-down mode. The ENBL pin may be
exercised by a pulse generator connected to J3 with SW1 in position B.
SW1 = A
R3 = 10k (Size 0603)
R1, C1, C2
Input Interface: The 52.3
Ω resistor in position R1 combines with the
AD8318's internal input impedance to give a broadband input impedance
of around 50
Ω. Capacitors C1 and C2 are DC blocking capacitors. A reactive
impedance match can be implemented by replacing R1 with an inductor
and C1 and C2 with appropriately-valued capacitors .
R1 = 52.3
Ω (Size 0402)
C1 = 1 nF (Size 0402)
C2 = 1 nF (Size 0402)
R2
Temperature Sensor Interface: The temperature sensor output voltage is
available at J1, via the current limiting resistor, R2.
C4
Temperature Compensation Interface: The internal temperature
compensation resistor is optimized for an input signal of 2.2 GHz when C4 is
1 k
Ω. This circuit can be adjusted to optimize performance for other input
frequencies by changing the value of the resistor in position C4. Note that
the designation C4 on the evaluation board is a typographical error as this
pad will always be populated with a resistor. This error will be corrected on
the Rev B revision of the board.
C4 = 500 k
Ω (Size 0603)
R7, R8, R9, R10
Output Interface—Measurement Mode: In measurement mode, a portion of
the output voltage is fed back to pin VSET via R7. The magnitude of the
slope of the VOUT output voltage response may be increased by reducing
the portion of VOUT that is fed back to VSET. R10 can be used as a back-
terminating resistor or as part of a single-pole low-pass filter.
R7 = 0
Ω = (Size 0402)
R8 = open (Size 0402)
R9 = open (Size 0402
R10= 0
Ω (Size 0402)
R7, R8, R9, R10
Output Interface—Controller Mode: In this mode, R7 must be open. In
controller mode, the AD8318 can control the gain of an external
component. A setpoint voltage is applied to pin VSET, the value of which
corresponds to the desired RF input signal level applied to the AD8318 RF
input. A sample of the RF output signal from this variable-gain component is
selected, typically via a directional coupler, and applied to AD8318 RF input.
The voltage at pin VOUT is applied to the gain control of the variable gain
element. A control voltage is applied to pin VSET via R9 and R8. The
magnitude of the control voltage may optionally be attenuated via the
voltage divider comprised of R8 and R9, or a capacitor may be installed in
position R8 to form a low-pass filter along with R9.
R7 = open (Size 0402)
R8 = open (Size 0402)
R9 = 0
Ω (Size 0402)
R10 = 0
Ω (Size 0402)
C5, C6, C7, C8, R5,
R6
Power Supply Decoupling: The nominal supply decoupling consists of a
100 pF filter capacitor placed physically close to the AD8318, a 0
Ω series
resistor and a 0.1 µF capacitor placed nearer to the power supply input pin.
C6 = 100 pF (Size 0402)
C7 = 100 pF (Size 0402)
C5 = 0.1 µF (Size 0603)
C8 = 0.1 µF (Size 0603)
R5 = 0
Ω (Size 0603)
R6 = 0
Ω (Size 0603)
C9
Filter Capacitor: The low-pass corner frequency of the circuit that drives pin
VOUT can be lowered by placing a capacitor between CLPF and ground.
C4 = open (Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com