Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1138BG-12-AB5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LB1138BG-12-AB5-R
Description  HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB1138BG-12-AB5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LB1138BG-12-AB5-R Datasheet HTML 1Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 2Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 3Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 4Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 5Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 6Page - Unisonic Technologies LB1138BG-12-AB5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
L1138B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-323.K
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-89-5
SOT-25
SOP-8
12: 1.2V
25: 2.5V
28: 2.8V
33: 3.3V
35: 3.5V
36: 3.6V
45: 4.5V
50: 5.0V
PIN CONFIGURATION
PIN DESCRIPTION
FOR /SOT-89-5 Package
PIN NO.
SOT-25
SOT-89-5
PIN NAME
DESCRIPTION
1
4
VIN
Input voltage Pin
2
2
GND
Ground Pin
3
1
ON/OFF
Shutdown Pin
4
3
NC
No Connection, NC pin is electrically open and can be connected
VIN and GND
5
5
VOUT
Output voltage Pin
FOR SOP-8 Package
PIN NO.
PIN NAME
DESCRIPTION
1,2,3
VOUT
Output voltage Pin (Note 1)
4
GND
Ground Pin
5
ON/OFF
Shutdown Pin
6,7,8
VIN
Input voltage Pin (Note 2)
Notes: 1. Short pins 1, 2, 3
2. Short pins 6, 7, 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com