Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1101 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1101
Description  QUIESCENT CURRENT CMOS LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1101 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1101 Datasheet HTML 1Page - Unisonic Technologies LR1101 Datasheet HTML 2Page - Unisonic Technologies LR1101 Datasheet HTML 3Page - Unisonic Technologies LR1101 Datasheet HTML 4Page - Unisonic Technologies LR1101 Datasheet HTML 5Page - Unisonic Technologies LR1101 Datasheet HTML 6Page - Unisonic Technologies LR1101 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR1101
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R102-034.H
MARKING INFORMATIONS
PACKAGE VOLTAGE CODE
PIN CODE
1
2
3
4
5
MARKING
SOT-89
C
G
I
O
-
-
SOT-25
-
I
G
EN
NC
O
SOT-23
15:1.5V
18:1.8V
25:2.5V
28:2.8V
30:3.0V
33:3.3V
35:3.5V
36:3.6V
47:4.7V
50:5.0V
5
G
O
I
-
-
1
2
3
SGXXG
Voltage Code
PIN DESCRIPTION
PIN NO.
SOT-89
SOT-25
SOT-23
PIN NAME
DESCRIPTION
2
1
3
VIN
Input voltage
3
5
2
VOUT
Output voltage
1
2
1
GND
Ground
-
3
-
EN
Chip enable input
-
4
-
NC
No connection
BLOCK DIAGRAM
Current Limit
EN
VIN
VOUT
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com