Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3870G-50-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LD3870G-50-AF5-R
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870G-50-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LD3870G-50-AF5-R Datasheet HTML 1Page - Unisonic Technologies LD3870G-50-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD3870G-50-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD3870G-50-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD3870G-50-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LD3870
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R102-027.G
LOW DROPOUT VOLTAGE
REGULATOR
DESCRIPTION
The UTC LD3870 is low dropout voltage regulator
designed for cellular phone application.
FEATURES
* High Ripple Rejection: 56dB≤RR(DC<f<60kHz)
66dB typ. (f=100Hz)
60dB typ. (f=1kHz)
* Output Noise Voltage: eN=30ΜV , Cp=0.01μF
* Output Current: IO(MAX)=150mA
* High Precision Output: VO±2%
* Low Dropout Voltage: VD=0.12V typ.
(IO=60mA,Vo≥1.8V)
* Input Voltage range: +2~+14V(VO =1.5V Version)
* ON/OFF Control: Active High
* Output capacitor with 4.7uF ceramic capacitor
* Internal Short Circuit Current Limit
* Internal Thermal Overload Protection
ORDERING INFORMATION
Ordering Number
Package
Packing
LD3870G-xx-AF5-R
SOT-25
Tape Reel


Similar Part No. - LD3870G-50-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD3870G-AF5-R UTC-LD3870G-AF5-R Datasheet
204Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
LD3870G-XX-AF5-R UTC-LD3870G-XX-AF5-R Datasheet
214Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LD3870G-50-AF5-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com